Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1213 Datasheet (PDF) - SHENZHEN KOO CHIN ELECTRONICS CO., LTD.

2SA1213 Datasheet PDF - SHENZHEN KOO CHIN ELECTRONICS CO., LTD.
Part # 2SA1213
Download  2SA1213 Download
File Size   642.52 Kbytes
Page   4 Pages
Manufacturer  KOOCHIN [SHENZHEN KOO CHIN ELECTRONICS CO., LTD.]
Direct Link  http://www.hz-dz.net
Logo KOOCHIN - SHENZHEN KOO CHIN ELECTRONICS CO., LTD.
Description TRANSISTOR竊늁NP 竊

2SA1213 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1213 Datasheet PDF - SHENZHEN KOO CHIN ELECTRONICS CO., LTD.

Part # 2SA1213
Download  2SA1213 Click to download

File Size   642.52 Kbytes
Page   4 Pages
Manufacturer  KOOCHIN [SHENZHEN KOO CHIN ELECTRONICS CO., LTD.]
Direct Link  http://www.hz-dz.net
Logo KOOCHIN - SHENZHEN KOO CHIN ELECTRONICS CO., LTD.
Description TRANSISTOR竊늁NP 竊

2SA1213 Datasheet (HTML) - SHENZHEN KOO CHIN ELECTRONICS CO., LTD.


2SA1213 Product details

FEATURES
   Power dissipation
      PCM : 0.5 W ( Tamb=25℃)
   Collector current
      ICM: -2 A
   Collector-base voltage
      V(BR)CBO : -50 V
   Operating and storage junction temperature range
      TJ, Tstg: -55℃ to +150℃




Similar Part No. - 2SA1213

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1213 TOSHIBA-2SA1213 Datasheet
203Kb / 4P
TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)
2SA1213 TOSHIBA-2SA1213 Datasheet
200Kb / 5P
Power Amplifier Applications Power Switching Applications
logo
TRANSYS Electronics Lim...
2SA1213 TEL-2SA1213 Datasheet
66Kb / 1P
Plastic-Encapsulated Transistors
logo
Toshiba Semiconductor
2SA1213 TOSHIBA-2SA1213 Datasheet
169Kb / 5P
Power Amplifier Applications Power Switching Applications
logo
Guangdong Kexin Industr...
2SA1213 KEXIN-2SA1213 Datasheet
501Kb / 3P
Power Switching Applications
More results


Similar Description - 2SA1213

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
3DD13001-TO-92 JIANGSU-3DD13001-TO-92 Datasheet
328Kb / 3P
TRANSISTOR竊?NPN 竊
3DD13001-TO-251 JIANGSU-3DD13001-TO-251 Datasheet
104Kb / 2P
TRANSISTOR竊?NPN 竊
3DD13002-TO-251 JIANGSU-3DD13002-TO-251 Datasheet
877Kb / 3P
TRANSISTOR竊?NPN 竊
A94 JIANGSU-A94 Datasheet
454Kb / 3P
TRANSISTOR竊?PNP 竊
FMMT4124 JIANGSU-FMMT4124 Datasheet
407Kb / 3P
TRANSISTOR竊?NPN 竊
S9011 JIANGSU-S9011 Datasheet
125Kb / 2P
TRANSISTOR竊?NPN 竊
S9011LT1 JIANGSU-S9011LT1 Datasheet
131Kb / 2P
TRANSISTOR竊?NPN 竊
logo
Tiger Electronic Co.,Lt...
MMBT2907ALT1 TGS-MMBT2907ALT1_11 Datasheet
437Kb / 4P
TRANSISTOR竊늁NP竊
logo
SHENZHEN KOO CHIN ELECT...
B772 KOOCHIN-B772 Datasheet
333Kb / 2P
TRANSISTOR竊늁NP竊
logo
Bytesonic Electronics C...
MMBT8550D BYTESONIC-MMBT8550D Datasheet
446Kb / 3P
TRANSISTOR竊늁NP竊
2018/7/3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com