Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF426 Datasheet (PDF) - eleflow technologies co., ltd.

MRF426 Datasheet PDF - eleflow technologies co., ltd.
Part # MRF426
Download  MRF426 Download
File Size   82.63 Kbytes
Page   1 Pages
Manufacturer  ELEFLOW [eleflow technologies co., ltd.]
Direct Link  http://www.eleflow.com/
Logo ELEFLOW - eleflow technologies co., ltd.
Description NPN Silicon RF power transistor

MRF426 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF426 Datasheet PDF - eleflow technologies co., ltd.

Part # MRF426
Download  MRF426 Click to download

File Size   82.63 Kbytes
Page   1 Pages
Manufacturer  ELEFLOW [eleflow technologies co., ltd.]
Direct Link  http://www.eleflow.com/
Logo ELEFLOW - eleflow technologies co., ltd.
Description NPN Silicon RF power transistor

MRF426 Datasheet (HTML) - eleflow technologies co., ltd.


MRF426 Product details

Description:
MRF426 is designed primarily for high gain driver and output linear amplifier stages in 1.5 to 30 MHz HF/SSB equipment. BLX 13 Equivalent

Features:
   Specified 28 Volt, 30 MHz Characteristics:
   Output Power = 25 W (PEP), Minimum Gain = 22 dB, Efficiency = 35%
   Intermodulation Distortion @ 25 W (PEP), IMD = –30 dB (Max)




Similar Part No. - MRF426

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF426 MOTOROLA-MRF426 Datasheet
112Kb / 6P
RF POWER TRANSISTOR NPN SILICON
logo
Tyco Electronics
MRF426 MACOM-MRF426 Datasheet
171Kb / 5P
The RF Line NPN Silicon RF Power Transistor
logo
M/A-COM Technology Solu...
MRF426 MA-COM-MRF426 Datasheet
273Kb / 7P
The RF Line NPN Silicon Power Transistor 25W(PEP), 30MHz, 28V
logo
Advanced Semiconductor
MRF426 ASI-MRF426 Datasheet
253Kb / 2P
NPN SILICON RF POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF426 MA-COM-MRF426 Datasheet
273Kb / 7P
The RF Line NPN Silicon Power Transistor 25W(PEP), 30MHz, 28V
More results


Similar Description - MRF426

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com