Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M82C54-2 Datasheet (PDF) - OKI electronic componets

M82C54-2 Datasheet PDF - OKI electronic componets
Part # M82C54-2
Download  M82C54-2 Download
File Size   161.93 Kbytes
Page   23 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description CMOS PROGRAMMABLE INTERVAL TIMER

M82C54-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
M82C54-2 Datasheet PDF - OKI electronic componets

Part # M82C54-2
Download  M82C54-2 Click to download

File Size   161.93 Kbytes
Page   23 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description CMOS PROGRAMMABLE INTERVAL TIMER

M82C54-2 Datasheet (HTML) - OKI electronic componets


M82C54-2 Product details

GENERAL DESCRIPTION

The MSM82C54-2RS/GS/JS is a programmable universal timer designed for use in microcomputer systems. Based on silicon gate CMOS technology, it requires a standby current of only 10 mA (max.) when the chip is in the non-selected state. And during timer operation, the power consumption is still very low with only 10mA (max.) of current required. It consists of three independent counters, and can count up to a maximum of 10 MHz. The timer features six different counter modes, and binary count/BCD count functions. Count values can be set in byte or word units, and all functions are freely programmable.



FEATURES

• Maximum operating frequency of 10 MHz (VCC=5 V)

• High speed and low power consumption achieved by silicon gate CMOS technology

• Completely static operation

• Three independent 16-bit down-counters

• Status Read Back Command

• Six counter modes available for each counter

• Binary and decimal counting possible

• 24-pin Plastic DIP (DIP24-P-600-2.54): (Product name: MSM82C54-2RS)

• 28-pin Plastic QFJ (QFJ28-P-S450-1.27): (Product name: MSM82C54-2JS)

• 32-pin Plastic SSOP (SSOP32-P-430-1.00-K): (Product name: MSM82C54-2GS-K)




Similar Part No. - M82C54-2

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
M82C55A OKI-M82C55A Datasheet
189Kb / 26P
CMOS PROGRAMMABLE PERIPHERAL INTERFACE
More results


Similar Description - M82C54-2

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM82C53-2RS OKI-MSM82C53-2RS Datasheet
149Kb / 19P
CMOS PROGRAMMABLE INTERVAL TIMER
logo
Toshiba Semiconductor
TMP82C53 TOSHIBA-TMP82C53 Datasheet
326Kb / 15P
PROGRAMMABLE INTERVAL TIMER
logo
Intel Corporation
8254 INTEL-8254 Datasheet
835Kb / 21P
PROGRAMMABLE INTERVAL TIMER
logo
Intersil Corporation
82C54 INTERSIL-82C54 Datasheet
142Kb / 17P
CMOS Programmable Interval Timer
March 1997
logo
Samsung semiconductor
KS82C54 SAMSUNG-KS82C54 Datasheet
953Kb / 15P
PROGRAMMABLE INTERVAL TIMER
logo
UMC Corporation
UM82C54 UMC-UM82C54 Datasheet
1Mb / 16P
CMOS PROGRAMMABLE INTERVAL TIMER
logo
Mitsubishi Electric Sem...
M5M82C54P MITSUBISHI-M5M82C54P Datasheet
916Kb / 11P
CMOS PROGRAMMABLE INTERVAL TIMER
logo
Digital Core Design
D8254 DCD-D8254 Datasheet
132Kb / 4P
Programmable Interval Timer
logo
Intersil Corporation
CS82C54-10Z96 INTERSIL-CS82C54-10Z96 Datasheet
426Kb / 22P
CMOS Programmable Interval Timer
November 26, 2013
logo
Renesas Technology Corp
82C54 RENESAS-82C54 Datasheet
679Kb / 23P
CMOS Programmable Interval Timer
Sep 15, 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com