Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM9004-01 Datasheet (PDF) - OKI electronic componets

MSM9004-01 Datasheet PDF - OKI electronic componets
Part # MSM9004-01
Download  MSM9004-01 Download
File Size   117.98 Kbytes
Page   15 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 1/3, 1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 49-DOT SEGMENT DRIVER

MSM9004-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM9004-01 Datasheet PDF - OKI electronic componets

Part # MSM9004-01
Download  MSM9004-01 Click to download

File Size   117.98 Kbytes
Page   15 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 1/3, 1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 49-DOT SEGMENT DRIVER

MSM9004-01 Datasheet (HTML) - OKI electronic componets


MSM9004-01 Product details

GENERAL DESCRIPTION

The MSM 9004-01/02 is an LCD driver for dynamic display with a 1/3 or 1/4 duty select function. When the 1/3 duty is selected, it can display up to 147 segments, and when the 1/4 duty is selected, up to 196 segments.



FEATURES

• Logic power supply voltage (VDD)      : 5.0 V ± 10%

• LCD drive power supply voltage (VLCD) : 3.7 V to 5.5 V

• Serial transfer clock frequency       : 2 MHz max.

• LCD output resistance

   Common driver  : 20 kW

   Segment driver : 60 kW

• Display duty : 1/3, 1/4 selectable

• LCD segment output : 49

• Maximum number of display segments

   For 1/3 duty : 147 segments max.

   For 1/4 duty : 196 segments max.

• Display blanking terminal attached

• Operating temperature range : –40 to +85˚C

• Interface with microcontroller

   MSM9004-01 : LOAD, DATA, CLOCK1, CLOCK2

   MSM9004-02 : LOAD, DATA, CLOCK2

• System clock

   MSM9004-01 : external input

   MSM9004-02 : internal oscillation circuit (external resistor and capacitor required)

• Package:

   64-pin plastic QFP (QFP64-P-1414-0.80-BK) (Product name : MSM9004-01GS-BK)

                                                            (Product name : MSM9004-02GS-BK)

• Comparison of device codes and functions



 




Similar Part No. - MSM9004-01

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9004-03 OKI-MSM9004-03 Datasheet
114Kb / 15P
1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 50-DOT SEGMENT DRIVER
MSM9004-04 OKI-MSM9004-04 Datasheet
114Kb / 15P
1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 50-DOT SEGMENT DRIVER
More results


Similar Description - MSM9004-01

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9040 OKI-ML9040 Datasheet
434Kb / 47P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
MSM6222B OKI-MSM6222B Datasheet
390Kb / 45P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
MSM6665C OKI-MSM6665C Datasheet
499Kb / 31P
DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6775 OKI-MSM6775 Datasheet
113Kb / 13P
1/3, 1/4, 1/5 DUTY LCD DRIVER WITH 5-DOT COMMON DRIVER AND 80-DOT
MSM6786 OKI-MSM6786 Datasheet
192Kb / 17P
1/3, 1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 29-DOT SEGMENT DRIVER
MSM9004-03 OKI-MSM9004-03 Datasheet
114Kb / 15P
1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 50-DOT SEGMENT DRIVER
MSM9005 OKI-MSM9005 Datasheet
296Kb / 30P
DOT MATRIX LCD CONTROLLER WITH 8-DOT COMMON DRIVER AND 65-DOT SEGMENT DRIVER
MSM6555B-XX OKI-MSM6555B-XX Datasheet
208Kb / 27P
DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6660-01 OKI-MSM6660-01 Datasheet
167Kb / 18P
1/2, 1/3 DUTY LCD DRIVER WITH 3-DOT COMMON DRIVER AND 62-DOT SEGMENT DRIVER
ML9040A OKI-ML9040A Datasheet
435Kb / 49P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com