Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OD9601N Datasheet (PDF) - OKI electronic componets

OD9601N Datasheet PDF - OKI electronic componets
Part # OD9601N
Download  OD9601N Download
File Size   149.17 Kbytes
Page   18 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description  3.3-V Photo Diode Preamp Modules

OD9601N Datasheet (PDF)

Go To PDF Page Download Datasheet
OD9601N Datasheet PDF - OKI electronic componets

Part # OD9601N
Download  OD9601N Click to download

File Size   149.17 Kbytes
Page   18 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description  3.3-V Photo Diode Preamp Modules

OD9601N Datasheet (HTML) - OKI electronic componets


OD9601N Product details

INTRODUCTION
Oki Semiconductor’s OD9601N, OD9602N, and OD9604N PD Preamp Module Family are surface-mount 1.3-µm, InGaAs PIN photo diodes combined with a transimpedance amplifier. The OD9601N operates at 1.25 Gbps in STM4/OC12/OC24 environments. The OD9602N operates at 622 Mbps in STM4/OC12 environments. The OD9604N operates at 2.488 Gbps in STM16/OC48 environments.

GENERAL FEATURES
• Surface-mount Mini-Dil package
• Low cost
• Operating Performance:
    - OD9601N 1.25 Gbps operation
    - OD9602N 622 Mbps operation
    - OD9604N 2.488 Gbps operation
• Peak-sensitivity wavelength: 1300 nm

GENERAL APPLICATION
• Optical transmission systems
    - OD9601N 1.25 Mbps, STM4/OC12/OC24
    - OD9602N 622 Mbps, STM4/OC12
    - OD9604N 2.488 Gbps, STM16/OC48
• Optical transmission modules (receiver section)
• Optical receivers
• Inter-office interconnection
• Gigabit Ethernet (OD9601N / OD9604N)
• Ethernet (OD9602N)




Similar Part No. - OD9601N

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
OD9 LSTD-OD9 Datasheet
620Kb / 1P
1 degree electrical downtilt available on the 11dBi model
logo
Mobile Mark, Inc.
OD9-1800-BLK MOBILEMARK-OD9-1800-BLK Datasheet
239Kb / 1P
Omni-Directional Antennas 1.8/1.9 GHz
4/2016
OD9-1900-BLK MOBILEMARK-OD9-1900-BLK Datasheet
239Kb / 1P
Omni-Directional Antennas 1.8/1.9 GHz
4/2016
OD9-2400-BLK MOBILEMARK-OD9-2400-BLK Datasheet
299Kb / 1P
Omni-Directional Antennas, WiFi 2.4 GHz
9/2018
OD9-2400-WHT MOBILEMARK-OD9-2400-WHT Datasheet
299Kb / 1P
Omni-Directional Antennas, WiFi 2.4 GHz
9/2018
More results


Similar Description - OD9601N

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYS6472V16200GU SIEMENS-HYS6472V16200GU Datasheet
84Kb / 17P
3.3 V 16M x 64/72-Bit SDRAM Modules 3.3 V 32M x 64/72-Bit SDRAM Modules 3.3 V 64M x 64/72-Bit SDRAM Modules
logo
Marktech Corporate
MTD7030 MARKTECH-MTD7030 Datasheet
67Kb / 2P
PHOTO DIODE
logo
Sanyo Semicon Device
SPS-400 SANYO-SPS-400 Datasheet
109Kb / 1P
Receiver Preamp Modules for Infrared Remote Controller
logo
Source Photonics, Inc.
T-11-2500A-R3-SFC SOURCE-T-11-2500A-R3-SFC Datasheet
506Kb / 2P
2.5 Gbps PIN-TIA Receiver Modules (3.3 V)
logo
Marktech Corporate
MTD3010PM MARKTECH-MTD3010PM_2 Datasheet
151Kb / 1P
Photo Diode
logo
Hamamatsu Corporation
C12492-210 HAMAMATSU-C12492-210 Datasheet
145Kb / 5P
Infrared detector modules with preamp
C12495-111L HAMAMATSU-C12495-111L Datasheet
145Kb / 5P
Infrared detector modules with preamp
C12495-311M HAMAMATSU-C12495-311M Datasheet
145Kb / 5P
Infrared detector modules with preamp
C12492-210 HAMAMATSU-C12492-210_15 Datasheet
406Kb / 5P
Infrared detector modules with preamp
C12485-210 HAMAMATSU-C12485-210_15 Datasheet
223Kb / 5P
Infrared detector modules with preamp
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com