Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BBS-10 Datasheet (PDF) - Eaton All Rights Reserved.

BBS-10 Datasheet PDF - Eaton All Rights Reserved.
Part # BBS-10
Download  BBS-10 Download
File Size   376.85 Kbytes
Page   2 Pages
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.
Description BBS 13??2? x 1-3/8? 600Vac fast-acting supplemental fuses

BBS-10 Datasheet (PDF)

Go To PDF Page Download Datasheet
BBS-10 Datasheet PDF - Eaton All Rights Reserved.

Part # BBS-10
Download  BBS-10 Click to download

File Size   376.85 Kbytes
Page   2 Pages
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.
Description BBS 13??2? x 1-3/8? 600Vac fast-acting supplemental fuses

BBS-10 Datasheet (HTML) - Eaton All Rights Reserved.




Similar Part No. - BBS-10

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
BBS-10 COOPER-BBS-10 Datasheet
53Kb / 1P
Fast-Acting Ferrule Fuses
BBS-10 COOPER-BBS-10 Datasheet
376Kb / 2P
BBS 13??2? x 1-3/8? 600Vac fast-acting supplemental fuses
logo
Christian Bürkert GmbH ...
BBS-10 BURKERT-BBS-10 Datasheet
388Kb / 9P
Check valves with weld end
08.01.2024
logo
Cooper Bussmann, Inc.
BBS-10 COOPER-BBS-10 Datasheet
53Kb / 1P
Fast-Acting Ferrule Fuses
logo
Samtec, Inc
BBS-101-G-A SAMTEC-BBS-101-G-A Datasheet
417Kb / 1P
MACHINED BOARD STACKING STRIPS
More results


Similar Description - BBS-10

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
KLM-8 COOPER-KLM-8 Datasheet
391Kb / 2P
13/32x 1-1/2 600Vac/dc Fast-acting supplemental fuses
KLM-15 COOPER-KLM-15 Datasheet
391Kb / 2P
13/32 x 1-1/2 600Vac/dc Fast-acting supplemental fuses
KTK-45 COOPER-KTK-45 Datasheet
374Kb / 2P
13/32 x 1-1/2 600Vac Fast-acting supplemental fuses
KLM-20 COOPER-KLM-20 Datasheet
391Kb / 2P
13/32 x 1-1/2 600Vac/dc Fast-acting supplemental fuses
KTK-110 COOPER-KTK-110 Datasheet
279Kb / 2P
KTK 13??2? x 1-1??? 600Vac fast-acting supplemental fuses
KLM-1 COOPER-KLM-1_15 Datasheet
318Kb / 2P
KLM 13??2? x 1-1??? 600Vac/dc fast-acting supplemental fuses
BBS-11 COOPER-BBS-11 Datasheet
376Kb / 2P
BBS 13??2? x 1-3/8? 600Vac fast-acting supplemental fuses
logo
Eaton All Rights Reserv...
BAF EATON-BAF Datasheet
270Kb / 2P
BAF 13??2? x 1-1/2? 250Vac fast-acting supplemental fuses
KLM EATON-KLM Datasheet
318Kb / 2P
KLM 13??2? x 1-1??? 600Vac/dc fast-acting supplemental fuses
KTK EATON-KTK Datasheet
279Kb / 2P
KTK 13??2? x 1-1??? 600Vac fast-acting supplemental fuses
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com