Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM6926 Datasheet (PDF) - List of Unclassifed Manufacturers

ADM6926 Datasheet PDF - List of Unclassifed Manufacturers
Part # ADM6926
Download  ADM6926 Download
File Size   4222.01 Kbytes
Page   85 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 26 port 10/100 Mbps Ethernet Switch Controller

ADM6926 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM6926 Datasheet PDF - List of Unclassifed Manufacturers

Part # ADM6926
Download  ADM6926 Click to download

File Size   4222.01 Kbytes
Page   85 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 26 port 10/100 Mbps Ethernet Switch Controller

ADM6926 Datasheet (HTML) - List of Unclassifed Manufacturers


ADM6926 Product details

[ADMtek Inc.]

Overview
The ADM6926 is a high performance/low cost, twenty six-port 10/100 Mbps Ethernet Switch Controller with all ports supporting 10/100 Mbps full duplex switch function. The ADM6926 is intended for applications to standalone-bridge for the low cost ether switch market. ADM6926 can be programmed trunking port active. The trunking port can be connected to server or stacking two switch boxes to enhance the performance.

Features
• Support twenty four 10/100M auto-detect Half/Full duplex switch ports with SS-SMII interface and two 10/100M Half/Full duplex port with RMII/MII interface
• Supports up to 4096 MAC addresses table (4-way hashing)
• Support two queue for QOS (1:2 or 1:4 or 1:8 or 1:16)
• Support Port-base, 802.1p and IP TOS priority
• Supports store & forward architecture and Performs forwarding and filtering at nonblocking full wire speed
• Support buffer allocation with 256 bytes each
• Supports aging function and 802.3x flow control for full duplex and back-pressure function for half duplex operation in case buffer is full
• Support packet length up to 1536 bytes
• Support Congestion Flow Control
• Broadcast storm filter and Alert LED
• Port-base VLAN and adjustable VLAN to support up to 32 VLAN group
• serial CPU interface for counter and port status output
• CPU can see-through to access PHY
• flexible port trunking on fault tolerance and load balance
• per port 32bits smart counter for Rx/Tx byte/packet count, error count and collision count
• rate-limit control (64K/128K/256K/512K/1M/4M/10M/20M)
• per port auto learning enable/disable and if disable, forward non-learned packet to CPU
• MAC address table accessible (in each entry, reserve one bit for CPU to enable/disable aging out)
• forward special multicast, BPDU, GMRP, GVRP and IGMP packets to CPU port
• 128 pin QFP package with 3.3V/1.8V power supply




Similar Part No. - ADM6926

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM692 AD-ADM692 Datasheet
284Kb / 16P
Microprocessor Supervisory Circuits
REV.A
ADM692 AD-ADM692 Datasheet
199Kb / 16P
Microprocessor Supervisory Circuits
REV.A
ADM692A AD-ADM692A Datasheet
327Kb / 8P
Microprocessor Supervisory Circuits
REV.0
ADM692A AD-ADM692A Datasheet
269Kb / 8P
Microprocessor Supervisory Circuits
REV. 0
ADM692AAN AD-ADM692AAN Datasheet
327Kb / 8P
Microprocessor Supervisory Circuits
REV.0
More results


Similar Description - ADM6926

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MDS108A ZARLINK-MDS108A Datasheet
308Kb / 37P
Unmanaged 9-Port 10/100 Mbps Ethernet Switch
MDS105 ZARLINK-MDS105 Datasheet
307Kb / 35P
Unmanaged 5-Port 10/100 Mbps Ethernet Switch
MVTX2601 ZARLINK-MVTX2601 Datasheet
686Kb / 91P
Unmanaged 24-Port 10/100 Mbps Ethernet Switch
MTVX2602 ZARLINK-MTVX2602 Datasheet
924Kb / 147P
Managed 24 Port 10/100 Mbps Ethernet Switch
logo
Davicom Semiconductor, ...
DM8203 DAVICOM-DM8203 Datasheet
441Kb / 63P
10/100 Mbps 2-port Ethernet Switch Controller With MII / RMII Interface
DM9013 DAVICOM-DM9013 Datasheet
499Kb / 75P
10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
DM9103 DAVICOM-DM9103 Datasheet
629Kb / 89P
10/100 Mbps 3-port Ethernet Switch Controller with PCI Interface
DM9006 DAVICOM-DM9006 Datasheet
465Kb / 76P
10/100 Mbps 2-port Ethernet Switch Controller with General Processor Interface
DM9106 DAVICOM-DM9106 Datasheet
547Kb / 92P
10/100 Mbps 3-port Ethernet Switch Controller with PCI Interface
logo
Infineon Technologies A...
ADM6918 INFINEON-ADM6918 Datasheet
10Mb / 124P
18 port 10/100 Mbps Ethernet Switch Controller
Data Sheet, Rev 1.01, Nov. 2005
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com