Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC811 Datasheet (PDF) - Analog Intergrations Corporation

AIC811 Datasheet PDF - Analog Intergrations Corporation
Part # AIC811
Download  AIC811 Download
File Size   421.5 Kbytes
Page   8 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description Reset Circuits with Manual Reset Input

AIC811 Datasheet (PDF)

Go To PDF Page Download Datasheet
AIC811 Datasheet PDF - Analog Intergrations Corporation

Part # AIC811
Download  AIC811 Click to download

File Size   421.5 Kbytes
Page   8 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description Reset Circuits with Manual Reset Input

AIC811 Datasheet (HTML) - Analog Intergrations Corporation


AIC811 Product details

■ DESCRIPTION

AIC811/AIC812 are low-power microprocessor (µP) supervisory circuits used to monitor power supplies in µP and digital systems. They provide applications with benefits of circuit reliability and low cost by eliminating external components. AIC811/AIC812 also offer a manual reset input.



■ FEATURES

• Ultra Low Supply Current 1µA(typ.)

• Guaranteed Reset Valid to Vcc=0.9V

• Available in two Output Types: Push-Pull Active Low (AIC811), Push-Pull Active High (AIC812)

• 140ms Min. Power-On Reset Pulse Width

• Internally Fixed Threshold 2.3V, 2.6V, 2.9V, 3.1V, 4.0V, 4.4V, and 4.6V

• Tight Voltage Threshold Tolerance: 1.5%

• Low profile Package: SOT-23-5



■ APPLICATIONS

• Notebook Computers

• Digital Still Cameras

• PDAs

• Critical Microprocessor Monitoring



 




Similar Part No. - AIC811

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC810 AIC-AIC810 Datasheet
414Kb / 8P
3-PIN MICROPROCESSOR RESET CIRCUITS
AIC810-23CUBG AIC-AIC810-23CUBG Datasheet
414Kb / 8P
3-PIN MICROPROCESSOR RESET CIRCUITS
AIC810-23CUTR AIC-AIC810-23CUTR Datasheet
414Kb / 8P
3-PIN MICROPROCESSOR RESET CIRCUITS
AIC810-23PUBG AIC-AIC810-23PUBG Datasheet
414Kb / 8P
3-PIN MICROPROCESSOR RESET CIRCUITS
AIC810-23PUTR AIC-AIC810-23PUTR Datasheet
414Kb / 8P
3-PIN MICROPROCESSOR RESET CIRCUITS
More results


Similar Description - AIC811

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6711L MAXIM-MAX6711L Datasheet
145Kb / 8P
4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 0; 1/00
MAX6711T MAXIM-MAX6711T Datasheet
153Kb / 8P
4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 0; 1/00
logo
EM Microelectronic - MA...
EM6325 EMMICRO-EM6325 Datasheet
230Kb / 8P
Reset Circuit with Manual Reset
logo
Maxim Integrated Produc...
MAX6711L MAXIM-MAX6711L_05 Datasheet
279Kb / 8P
4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 1; 12/05
logo
Silicon Standard Corp.
SS811 SSC-SS811 Datasheet
320Kb / 8P
Reset Circuits with Manual Reset Input
logo
Texas Instruments
TPS386596L33 TI-TPS386596L33 Datasheet
477Kb / 12P
Quad Reset Supervisor with Manual Reset Input
TPS386596 TI1-TPS386596 Datasheet
803Kb / 14P
Quad Reset Supervisor with Manual Reset Input
logo
Analog Microelectronics
AME8570M AME-AME8570M Datasheet
596Kb / 25P
Manual Reset Input Option
logo
Union Semiconductor, In...
UM807 UNIONSEMI-UM807 Datasheet
414Kb / 17P
Reset Circuits with Long Manual Reset Setup Period
logo
Sangdest Microelectroni...
SSR811 SMC-SSR811 Datasheet
277Kb / 10P
Reset Circuits with Manual Reset Input
More results




About Analog Intergrations Corporation


Analog Integrations Corporation (AIC) is a semiconductor company that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1997 and is headquartered in Hsinchu, Taiwan.

AIC's product portfolio includes a wide range of analog ICs, such as voltage regulators, DC-DC converters, power management ICs, and LED drivers. These products are used in a variety of applications, including automotive, industrial, communication, and consumer electronics.

One of AIC's main areas of expertise is in the design of high-efficiency power management ICs. The company's DC-DC converters and voltage regulators are known for their high efficiency, low power consumption, and small size, making them well-suited to battery-powered applications.

In addition to its standard product offerings, AIC also offers custom design services, working closely with customers to develop ICs that meet their specific needs. The company has a strong focus on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com