Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSH130 Datasheet (PDF) - Winson Semiconductor Corp.

WSH130 Datasheet PDF - Winson Semiconductor Corp.
Part # WSH130
Download  WSH130 Download
File Size   141.06 Kbytes
Page   5 Pages
Manufacturer  WINSON [Winson Semiconductor Corp.]
Direct Link  http://www.winson.com.tw
Logo WINSON - Winson Semiconductor Corp.
Description Hall Effect Sensor IC

WSH130 Datasheet (PDF)

Go To PDF Page Download Datasheet
WSH130 Datasheet PDF - Winson Semiconductor Corp.

Part # WSH130
Download  WSH130 Click to download

File Size   141.06 Kbytes
Page   5 Pages
Manufacturer  WINSON [Winson Semiconductor Corp.]
Direct Link  http://www.winson.com.tw
Logo WINSON - Winson Semiconductor Corp.
Description Hall Effect Sensor IC

WSH130 Datasheet (HTML) - Winson Semiconductor Corp.


WSH130 Product details

Functional Description :
WSH130 is designed to integrate Hall sensor with output driver together on the same chip, it is suitable for speed measurement, revolution counting, positioning, and DC brushless motors. It includes a temperature compensated voltage regulator, a differential amplifier, a Hysteresis controller and a open-collector output driver capable of sinking up to 20mA current load. An on-chip protection resistor is implemented to prevent reverse power fault.

Features:
● Operates from 2.4V to 26V supply voltage with reverse voltage protection
● Operates with magnetic fields from DC to 15kHz
● On-chip Hall Sensor
● On-chip temperature compensation circuitry minimizes shifts in on and off points and hysteresis over temperature and supply voltage
● Ideal sensor for speed measurement, revolution counting, positioning, and DC brushless motors




Similar Part No. - WSH130

ManufacturerPart #DatasheetDescription
logo
Winson Semiconductor Co...
WSH130 WINSON-WSH130 Datasheet
149Kb / 5P
Hall Effect Switch IC
logo
DIWELL Electronics Co.,...
WSH130 DIWELL-WSH130 Datasheet
179Kb / 5P
Hall Effect Switch IC
2017/4/7
logo
Winson Semiconductor Co...
WSH130NL WINSON-WSH130NL Datasheet
147Kb / 5P
Unipolar Hall Effect Switch IC
WSH130NL WINSON-WSH130NL Datasheet
146Kb / 4P
Unipolar Hall Effect Switch IC
logo
DIWELL Electronics Co.,...
WSH130NL DIWELL-WSH130NL Datasheet
174Kb / 4P
Unipolar Hall Effect Switch IC
2017/4/7
More results


Similar Description - WSH130

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL115 MICRONAS-HAL115 Datasheet
110Kb / 9P
Hall Effect Sensor IC
logo
Anpec Electronics Corop...
APX9140 ANPEC-APX9140 Datasheet
56Kb / 7P
Hall Effect Sensor IC
logo
List of Unclassifed Man...
HAL525 ETC-HAL525 Datasheet
292Kb / 21P
Hall Effect Sensor IC
logo
Anpec Electronics Corop...
APX9031 ANPEC-APX9031 Datasheet
81Kb / 10P
Hall Effect Sensor IC
logo
Unisonic Technologies
SK8509 UTC-SK8509_12 Datasheet
247Kb / 6P
HALL-EFFECT SENSOR IC
logo
Winson Semiconductor Co...
WSH138 WINSON-WSH138 Datasheet
256Kb / 5P
Linear Hall Effect Sensor IC
logo
Unisonic Technologies
SK8509 UTC-SK8509_15 Datasheet
272Kb / 6P
HALL-EFFECT SENSOR IC
logo
Micronas
HAL411 MICRONAS-HAL411 Datasheet
1Mb / 18P
Linear Hall-Effect Sensor IC
logo
Unisonic Technologies
SK8509 UTC-SK8509 Datasheet
231Kb / 6P
HALL-EFFECT SENSOR IC
logo
DIWELL Electronics Co.,...
WSH136 DIWELL-WSH136 Datasheet
432Kb / 5P
Linear Hall Effect Sensor IC
2017/12/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com