Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89S2051 Datasheet (PDF) - ATMEL Corporation

AT89S2051 Datasheet PDF - ATMEL Corporation
Part # AT89S2051
Download  AT89S2051 Download
File Size   981.43 Kbytes
Page   45 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 2K/4K Bytes Flash

AT89S2051 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT89S2051 Datasheet PDF - ATMEL Corporation

Part # AT89S2051
Download  AT89S2051 Click to download

File Size   981.43 Kbytes
Page   45 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 2K/4K Bytes Flash

AT89S2051 Datasheet (HTML) - ATMEL Corporation


AT89S2051 Product details

Description

The AT89S2051/S4051 is a low-voltage, high-performance CMOS 8-bit microcontrol ler with 2K/4K bytes of In-System Programmable (ISP) Flash program memory. The device is manufactured using Atmel’s high-density nonvolatile memory technology and is compatible with the industry-standard MCS-51 instruction set. By combining a versatile 8-bit CPU with Flash on a monolithic chip, the Atmel AT89S2051/S4051 is a powerful microcontroller which provides a highly-flexible and cost-effective solution to many embedded control applications. Moreover, the AT89S2051/S4051 is designed to be function compatible with the AT89C2051/C4051 devices, respectively.



Features

• Compatible with MCS® 51 Products

• 2K/4K Bytes of In-System Programmable (ISP) Flash Program Memory

– Serial Interface for Program Downloading

– Endurance: 10,000 Write/Erase Cycles

• 2.7V to 5.5V Operating Range

• Fully Static Operation: 0 Hz to 24 MHz

• Two-level Program Memory Lock

• 256 x 8-bit Internal RAM

• 15 Programmable I/O Lines

• Two 16-bit Timer/Counters

• Six Interrupt Sources

• Programmable Serial UART Channel

• Direct LED Drive Outputs

• On-chip Analog Comparator with Selectable Interrupt

• 8-bit PWM (Pulse-width Modulation)

• Low Power Idle and Power-down Modes

• Brownout Reset

• Enhanced UART Serial Port with Framing Error Detection and Automatic Address Recognition

• Internal Power-on Reset

• Interrupt Recovery from Power-down Mode

• Programmable and Fuseable x2 Clock Option

• Four-level Enhanced Interrupt Controller

• Power-off Flag

• Flexible Programming (Byte and Page Modes)

– Page Mode: 32 Bytes/Page

• User Serviceable Signature Page (32 Bytes)




Similar Part No. - AT89S2051

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89S2051 ATMEL-AT89S2051 Datasheet
1Mb / 46P
8-bit Microcontroller with 2K/4K Bytes Flash
AT89S2051-24PC ATMEL-AT89S2051-24PC Datasheet
1,008Kb / 45P
8-bit Microcontroller with 2K/4K Bytes Flash
AT89S2051-24PI ATMEL-AT89S2051-24PI Datasheet
1,008Kb / 45P
8-bit Microcontroller with 2K/4K Bytes Flash
AT89S2051-24SC ATMEL-AT89S2051-24SC Datasheet
1,008Kb / 45P
8-bit Microcontroller with 2K/4K Bytes Flash
AT89S2051-24SI ATMEL-AT89S2051-24SI Datasheet
1,008Kb / 45P
8-bit Microcontroller with 2K/4K Bytes Flash
More results


Similar Description - AT89S2051

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C2051 ATMEL-AT89C2051 Datasheet
251Kb / 13P
8-Bit Microcontroller with 2K Bytes Flash
ATTINY26 ATMEL-ATTINY26 Datasheet
135Kb / 16P
8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_06 Datasheet
1Mb / 90P
8-bit Microcontroller with 2K Bytes Flash
ATTINY26 ATMEL-ATTINY26_07 Datasheet
374Kb / 19P
8-bit Microcontroller with 2K Bytes Flash
AT89S2051 ATMEL-AT89S2051_05 Datasheet
1,008Kb / 45P
8-bit Microcontroller with 2K/4K Bytes Flash
AT89S2051 ATMEL-AT89S2051_08 Datasheet
1Mb / 46P
8-bit Microcontroller with 2K/4K Bytes Flash
AT89LP213 ATMEL-AT89LP213_08 Datasheet
2Mb / 96P
8-bit Microcontroller with 2K Bytes Flash
AT89LP216 ATMEL-AT89LP216_08 Datasheet
2Mb / 96P
8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_09 Datasheet
2Mb / 98P
8-bit Microcontroller with 2K Bytes Flash
AT89LP216 ATMEL-AT89LP216_09 Datasheet
2Mb / 98P
8-bit Microcontroller with 2K Bytes Flash
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com