Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL4340 Datasheet (PDF) - Intersil Corporation

EL4340 Datasheet PDF - Intersil Corporation
Part # EL4340
Download  EL4340 Download
File Size   882.14 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 500MHz Triple, Multiplexing Amplifiers

EL4340 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL4340 Datasheet PDF - Intersil Corporation

Part # EL4340
Download  EL4340 Click to download

File Size   882.14 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 500MHz Triple, Multiplexing Amplifiers

EL4340 Datasheet (HTML) - Intersil Corporation


EL4340 Product details

500MHz Triple, Multiplexing Amplifiers



The EL4340, EL4342 are fixed unity gain mux amps featuring high slew rates and excellent bandwidth for video switching. These devices feature a high impedance output state (HIZ) that enables the outputs of multiple devices to be wired together. A power-down mode (ENABLE) is included to turn off un-needed circuitry in power sensitive applications.



Features

• Triple 2:1 and 4:1 multiplexers for RGB

• Internally set gain-of-1

• High speed three-state outputs (HIZ)

• Power-down mode (ENABLE)

• Latch enable (EL4340)

• ±5V operation

• ±870 V/µs slew rate

• 500MHz bandwidth

• Typical supply currents 10mA/ch (EL4340) and 15.3mA/ch(EL4342)

• Pb-free (RoHS compliant)



Applications

• HDTV/DTV analog inputs

• Video projectors

• Computer monitors

• Set-top boxes

• Security video

• Broadcast video equipment




Similar Part No. - EL4340

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4340 INTERSIL-EL4340 Datasheet
883Kb / 13P
500MHz Triple, Multiplexing Amplifiers
February 23, 2006
EL4340 INTERSIL-EL4340 Datasheet
815Kb / 13P
500MHz Triple, Multiplexing Amplifiers
October 18, 2010
logo
Renesas Technology Corp
EL4340 RENESAS-EL4340 Datasheet
998Kb / 14P
500MHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
EL4340 INTERSIL-EL4340 Datasheet
812Kb / 13P
500MHz Triple, Multiplexing Amplifiers
October 18, 2010
EL4340IU INTERSIL-EL4340IU Datasheet
883Kb / 13P
500MHz Triple, Multiplexing Amplifiers
February 23, 2006
More results


Similar Description - EL4340

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59481 INTERSIL-ISL59481 Datasheet
515Kb / 12P
Dual, 500MHz Triple, Multiplexing Amplifiers
December 22, 2006
ISL59482 INTERSIL-ISL59482 Datasheet
680Kb / 14P
Dual, 500MHz Triple, Multiplexing Amplifiers
December 22, 2006
EL4340 INTERSIL-EL4340_06 Datasheet
883Kb / 13P
500MHz Triple, Multiplexing Amplifiers
February 23, 2006
EL4340 INTERSIL-EL4340_10 Datasheet
815Kb / 13P
500MHz Triple, Multiplexing Amplifiers
October 18, 2010
ISL59483 INTERSIL-ISL59483_07 Datasheet
1Mb / 17P
Dual, 500MHz Triple, Multiplexing Amplifiers
May 21, 2007
EL4340IUZ INTERSIL-EL4340IUZ Datasheet
812Kb / 13P
500MHz Triple, Multiplexing Amplifiers
October 18, 2010
logo
Renesas Technology Corp
EL4340 RENESAS-EL4340 Datasheet
998Kb / 14P
500MHz Triple Multiplexing Amplifiers
ISL59481 RENESAS-ISL59481 Datasheet
932Kb / 12P
Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59482 RENESAS-ISL59482 Datasheet
1Mb / 15P
Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59483 RENESAS-ISL59483 Datasheet
1Mb / 17P
Dual, 500MHz Triple, Multiplexing Amplifiers
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com