Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4SMA68A Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

P4SMA68A Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # P4SMA68A
Download  P4SMA68A Download
File Size   73.16 Kbytes
Page   4 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Surface Mount Transient Voltage Suppressor

P4SMA68A Datasheet (PDF)

Go To PDF Page Download Datasheet
P4SMA68A Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # P4SMA68A
Download  P4SMA68A Click to download

File Size   73.16 Kbytes
Page   4 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Surface Mount Transient Voltage Suppressor

P4SMA68A Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


P4SMA68A Product details

Surface Mount Transient Voltage Suppressor
Voltage Range 6.8 to 200 Volts Peak Power  400 Watts

Features
✧ For surface mounted application in order to optimize board 
   space
✧ Low profile package 
✧ Built-in strain relief
✧ Glass passivated junction
✧ Excellent clamping capability
✧ Fast response time: Typically less than 1.0ps from 0 volt to 
   BV min.
✧ Typical IRless than 1μA above 10V
✧ High temperature soldering guaranteed: 
   260°C / 10 seconds at terminals
✧ Plastic material used carries Underwriters Laboratory 
   Flammability Classification 94V-0
✧ 300 watts peak pulse power capability with a 10 x 1000 us 
   waveform by 0.01% duty cycle




Similar Part No. - P4SMA68A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
P4SMA68A GOOD-ARK-P4SMA68A Datasheet
692Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Littelfuse
P4SMA68A LITTELFUSE-P4SMA68A Datasheet
144Kb / 4P
Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
logo
GOOD-ARK Electronics
P4SMA68A GOOD-ARK-P4SMA68A Datasheet
233Kb / 3P
Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Breakdown Voltage 6.8 to 550V
logo
Taiwan Semiconductor Co...
P4SMA68A TSC-P4SMA68A Datasheet
202Kb / 4P
400 Watts Surface Mount Transient Voltage Suppressor
logo
Pan Jit International I...
P4SMA68A PANJIT-P4SMA68A Datasheet
109Kb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - P4SMA68A

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
SMDJ5.0 DIOTECH-SMDJ5.0 Datasheet
935Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
1.5SMC DIOTECH-1.5SMC Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Semiconducto...
SMBJ5.0 CHENDA-SMBJ5.0 Datasheet
2Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SAMYANG ELECTRONICS CO....
SMF SAMYANG-SMF Datasheet
1Mb / 4P
Surface Mount Transient Voltage Suppressor
logo
Alpha & Omega Semicondu...
1.5SMC6.8 AOSMD-1.5SMC6.8 Datasheet
707Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.1 July 2021
SMAJ5.0A AOSMD-SMAJ5.0A Datasheet
713Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
SMBJ5.0A AOSMD-SMBJ5.0A Datasheet
706Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com