Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO4609 Datasheet (PDF) - Guangdong Kexin Industrial Co.,Ltd

AO4609 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd
Part # AO4609
Download  AO4609 Download
File Size   1762.77 Kbytes
Page   7 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description Complementary Trench MOSFET

AO4609 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4609 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd

Part # AO4609
Download  AO4609 Click to download

File Size   1762.77 Kbytes
Page   7 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description Complementary Trench MOSFET

AO4609 Datasheet (HTML) - Guangdong Kexin Industrial Co.,Ltd


AO4609 Product details

■ Features
● N-Channel :
   VDS (V) = 30V
   ID = 8.5 A (VGS = 10V)
   RDS(ON) < 18mΩ (VGS = 10V)
   RDS(ON) < 28mΩ (VGS = 4.5V)
● P-Channel :
   VDS (V) = -30V
   ID = -3 A (VGS = -10V)
   RDS(ON) < 130mΩ (VGS = -10V)
   RDS(ON) < 180mΩ (VGS = -4.5V)
   RDS(ON) < 260mΩ (VGS = -2.5V)




Similar Part No. - AO4609

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AO4609 ETC1-AO4609 Datasheet
690Kb / 12P
Complementary Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO4609 AOSMD-AO4609 Datasheet
656Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
AO4609-HF KEXIN-AO4609-HF Datasheet
2Mb / 7P
Complementary Trench MOSFET
logo
List of Unclassifed Man...
AO4609L ETC1-AO4609L Datasheet
690Kb / 12P
Complementary Enhancement Mode Field Effect Transistor
More results


Similar Description - AO4609

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO4606 KEXIN-AO4606 Datasheet
2Mb / 7P
Complementary Trench MOSFET
AO6601 KEXIN-AO6601 Datasheet
2Mb / 7P
Complementary Trench MOSFET
AO6602 KEXIN-AO6602 Datasheet
1Mb / 7P
Complementary Trench MOSFET
AO4611 KEXIN-AO4611 Datasheet
1Mb / 7P
Complementary Trench MOSFET
AO4613 KEXIN-AO4613 Datasheet
2Mb / 7P
Complementary Trench MOSFET
AO4613-HF KEXIN-AO4613-HF Datasheet
3Mb / 7P
Complementary Trench MOSFET
AO4614A KEXIN-AO4614A Datasheet
2Mb / 7P
Complementary Trench MOSFET
AO4614B KEXIN-AO4614B Datasheet
1Mb / 7P
Complementary Trench MOSFET
AO4618 KEXIN-AO4618 Datasheet
2Mb / 7P
Complementary Trench MOSFET
SIA517DJ KEXIN-SIA517DJ Datasheet
3Mb / 10P
Complementary Trench MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com