Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AW3641E Datasheet (PDF) - Shanghai awinic technology co.,ltd

AW3641E Datasheet PDF - Shanghai awinic technology co.,ltd
Part # AW3641E
Download  AW3641E Download
File Size   2128.98 Kbytes
Page   25 Pages
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd
Description Flash-current circuit adjustment 1 A flash lamp LED driver chip

AW3641E Datasheet (PDF)

Go To PDF Page Download Datasheet
AW3641E Datasheet PDF - Shanghai awinic technology co.,ltd

Part # AW3641E
Download  AW3641E Click to download

File Size   2128.98 Kbytes
Page   25 Pages
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd
Description Flash-current circuit adjustment 1 A flash lamp LED driver chip

AW3641E Datasheet (HTML) - Shanghai awinic technology co.,ltd




Similar Part No. - AW3641E

ManufacturerPart #DatasheetDescription
logo
Shanghai awinic technol...
AW3641E AWINIC-AW3641E Datasheet
2Mb / 39P
High Efficiency, Dual 1.5A Flash LED Driver
AW3641E AWINIC-AW3641E Datasheet
2Mb / 37P
High Efficiency, Dual 1.5A Flash LED Driver
AW3641E AWINIC-AW3641E Datasheet
2Mb / 39P
High Efficiency, Dual Independent 1.5A Flash LED Driver
More results


Similar Description - AW3641E

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT-2050 HOLTEK-HT-2050 Datasheet
231Kb / 5P
FIVE LAMP/LED FLASH DRIVER
DEC.29.1993
HT201XX HOLTEK-HT201XX Datasheet
69Kb / 4P
One Lamp/LED Flash Driver
10th June 97
logo
Integrated Silicon Solu...
IS31BL3231 ISSI-IS31BL3231 Datasheet
444Kb / 9P
FLASH LED DRIVER
logo
Texas Instruments
LM3565 TI-LM3565 Datasheet
1Mb / 35P
4MHz, High-Current Flash LED Driver
logo
ams AG
AS3643 AMSCO-AS3643 Datasheet
4Mb / 34P
1300mA High Current LED Flash Driver
AS3647 AMSCO-AS3647 Datasheet
5Mb / 38P
1600mA High Current LED Flash Driver
AS3648 AMSCO-AS3648 Datasheet
4Mb / 39P
2000mA High Current LED Flash Driver
AS3649 AMSCO-AS3649 Datasheet
3Mb / 39P
2500mA High Current LED Flash Driver
logo
Integrated Silicon Solu...
IS31BL3232 ISSI-IS31BL3232 Datasheet
404Kb / 11P
FLASH LED DRIVER
IS31BL3231-DLS2 ISSI-IS31BL3231-DLS2 Datasheet
389Kb / 13P
FLASH LED DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com