| Electronic Components Datasheet Search |
|
12N65H Datasheet (PDF) - KIA Semiconductor Technology |
12N65H Datasheet (PDF) |
|
Download Datasheet |
| Part # | 12N65H |
| Download | 12N65H Click to download |
| File Size | 316.76 Kbytes |
| Page | 5 Pages |
| Manufacturer | KIA [KIA Semiconductor Technology] |
| Direct Link | http://en.kiaic.com/ |
| Logo | |
| Description | 12A竊?50V N-CHANNEL MOSFET |
12N65H Datasheet (HTML) - KIA Semiconductor Technology |
Similar Part No. - 12N65H |
|
Similar Description - 12N65H |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |