Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3965 Datasheet (PDF) - Allegro MicroSystems

A3965 Datasheet PDF - Allegro MicroSystems
Part # A3965
Download  A3965 Download
File Size   390.15 Kbytes
Page   8 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description DMOS Dual Full-Bridge PWM Motor Driver

A3965 Datasheet (PDF)

Go To PDF Page Download Datasheet
A3965 Datasheet PDF - Allegro MicroSystems

Part # A3965
Download  A3965 Click to download

File Size   390.15 Kbytes
Page   8 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description DMOS Dual Full-Bridge PWM Motor Driver

A3965 Datasheet (HTML) - Allegro MicroSystems


A3965 Product details

DMOS Dual Full-Bridge PWM Motor Driver

Designed for Pulse Width Modulated (PWM) current control of low voltage stepper motors, the A3965S is capable of output currents to ± 500 mA and operating voltages to 20 V.
The A3965 is particularly attractive for low power or battery operated motors where minimal power consumption is desired. A SLEEP mode disables all circuitry and typically draws less than 1µA supply current from motor and logic supply. During operation the fixed frequency ON pulses of each H-bridge are 180 degrees out of phase to minimize the peak demand required of the motor supply allowing savings in size and cost of external power supply components.

FEATURES
■ ±500 mA, 20 V Output Rating
■ 2.85 to 5.5V Logic Supply Operation
■ Sleep Mode for Minimum Power Consumption
■ Fixed Frequency PWM
■ Offset On Pulses to Minimize Peak Supply Transient Currents
■ Internal UVLO and Thermal Shutdown Circuitry
■ Crossover-Current Protection




Similar Part No. - A3965

ManufacturerPart #DatasheetDescription
logo
3M Electronics
A3960-0000T 3M-A3960-0000T Datasheet
37Kb / 3P
100 x 100, PCB Two Row
19-Feb-1999
A3960-0010T 3M-A3960-0010T Datasheet
37Kb / 3P
100 x 100, PCB Two Row
19-Feb-1999
A3960-2000T 3M-A3960-2000T Datasheet
37Kb / 3P
100 x 100, PCB Two Row
19-Feb-1999
A3960-2010T 3M-A3960-2010T Datasheet
37Kb / 3P
100 x 100, PCB Two Row
19-Feb-1999
logo
Allegro MicroSystems
A3961SB ALLEGRO-A3961SB Datasheet
91Kb / 10P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
More results


Similar Description - A3965

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3965 ALLEGRO-3965 Datasheet
186Kb / 7P
DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
12/4/2002
3974 ALLEGRO-3974_1 Datasheet
617Kb / 12P
DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3995 ALLEGRO-A3995 Datasheet
939Kb / 9P
DMOS Dual Full Bridge PWM Motor Driver
A4954 ALLEGRO-A4954 Datasheet
248Kb / 9P
Dual Full-Bridge DMOS PWM Motor Driver
A3959SLB-T ALLEGRO-A3959SLB-T Datasheet
562Kb / 12P
DMOS Full-Bridge PWM Motor Driver
A4950KLJTR-T ALLEGRO-A4950KLJTR-T Datasheet
231Kb / 9P
Full-Bridge DMOS PWM Motor Driver
A4954 ALLEGRO-A4954_16 Datasheet
247Kb / 9P
Dual Full-Bridge DMOS PWM Motor Driver
A5995 ALLEGRO-A5995 Datasheet
715Kb / 12P
DMOS Dual Full-Bridge PWM Motor Driver
A3974 ALLEGRO-A3974 Datasheet
470Kb / 12P
DMOS Dual Full-Bridge PWM Motor Driver
3974 ALLEGRO-3974 Datasheet
178Kb / 12P
DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com