Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM4275 Datasheet (PDF) - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4275 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd
Part # HM4275
Download  HM4275 Download
File Size   594.97 Kbytes
Page   7 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description 5-V Low- Drop Voltage Regulator

HM4275 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM4275 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4275
Download  HM4275 Click to download

File Size   594.97 Kbytes
Page   7 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description 5-V Low- Drop Voltage Regulator

HM4275 Datasheet (HTML) - Shenzhen Huazhimei Semiconductor Co., Ltd


HM4275 Product details

DESCRIPTION
The HM4275 is a monolithic integrated low-drop voltage regulator in a 5 pin TO- package. An input voltage up to 45V is regulated to VQ = 5.0 V. The IC is able to drive loads up to 450 mA and is short- circuit proof. At over temperature the HM4275 is disabled by the incorporated temperature protection. A reset signal is generated for an output voltage VQ of typ.4.65 V. The delay time can be programmed by the external delay capacitor.

FEATURES
● Output voltage 5V ± 2%
● Very low current consumption
● Power-on and undervoltage reset
● Reset low down to VQ = 1 V
● Very Low- drop voltage
● Short- circuit- proof
● Reverse polarity proof
● Suitable for use in automotive electronics

CASE :
P-TO252-5-1(D-PAK)
P-TO220-5-11
P-TO220-5-12
P-TO263-5-1(SMD)




Similar Part No. - HM4275

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HM42 HSMC-HM42 Datasheet
31Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
TT Electronics.
HM42 TTELEC-HM42 Datasheet
770Kb / 2P
Gate Drive Transformers
logo
Vaisala
HM42 VAISALA-HM42 Datasheet
1Mb / 4P
HUMICAPâ Handheld Humidity and Temperature Meter Series
logo
List of Unclassifed Man...
HM42-10001LF ETC2-HM42-10001LF Datasheet
477Kb / 2P
Operating Temperature Range
logo
Bi technologies
HM42-10001LF BITECH-HM42-10001LF Datasheet
312Kb / 2P
Gate Drive Transformers
More results


Similar Description - HM4275

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4263 SIEMENS-TLE4263 Datasheet
104Kb / 16P
5-V Low-Drop Voltage Regulator
TLE4265 SIEMENS-TLE4265 Datasheet
65Kb / 11P
5-V Low-Drop Voltage Regulator
logo
Integral Corp.
ILE4267 INTEGRAL-ILE4267 Datasheet
208Kb / 11P
5-V Low-Drop Voltage Regulator
logo
IK Semicon Co., Ltd
ILE4267 IKSEMICON-ILE4267 Datasheet
244Kb / 10P
5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4262 INFINEON-TLE4262 Datasheet
246Kb / 16P
5-V Low Drop Voltage Regulator
Rev. 2.8, 2008-05-19
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
TLE4263 INFINEON-TLE4263_07 Datasheet
425Kb / 19P
5-V Low Drop Voltage Regulator
Rev. 2.8, 2007-03-20
TLE4290 INFINEON-TLE4290_07 Datasheet
479Kb / 17P
5-V Low Drop Voltage Regulator
Rev. 1.7, 2007-03-20
TLE4267 INFINEON-TLE4267_12 Datasheet
871Kb / 23P
5-V Low Drop Voltage Regulator
2012-01-20 revision:2.51
TLE4263-2GS INFINEON-TLE4263-2GS Datasheet
711Kb / 20P
5 V low drop voltage regulator
Rev. 1.0 2023-07-11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com