Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIA8606A Datasheet (PDF) - KIA Semiconductor Technology

KIA8606A Datasheet PDF - KIA Semiconductor Technology
Part # KIA8606A
Download  KIA8606A Download
File Size   211.26 Kbytes
Page   5 Pages
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology
Description 35A 60V N-CHANNEL MOSFET

KIA8606A Datasheet (PDF)

Go To PDF Page Download Datasheet
KIA8606A Datasheet PDF - KIA Semiconductor Technology

Part # KIA8606A
Download  KIA8606A Click to download

File Size   211.26 Kbytes
Page   5 Pages
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology
Description 35A 60V N-CHANNEL MOSFET

KIA8606A Datasheet (HTML) - KIA Semiconductor Technology




Similar Part No. - KIA8606A

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA8000S KEC-KIA8000S Datasheet
725Kb / 10P
BIPOLAR LINEAR INTEGRATED CIRCUIT (5V VOLTAGE REGULATOR WITH WATCHDOG TIMER)
KIA8122AF KEC-KIA8122AF Datasheet
266Kb / 13P
BIPOLAR LINEAR INTEGRATED CIRCUIT (3V AM/FM STEREO TUNER ICs)
KIA8122AN KEC-KIA8122AN Datasheet
266Kb / 13P
BIPOLAR LINEAR INTEGRATED CIRCUIT (3V AM/FM STEREO TUNER ICs)
KIA8157AFN KEC-KIA8157AFN Datasheet
209Kb / 11P
BIPOLAR LINEAR INTEGRATED CIRCUIT (HEADPHONE STEREO DRIVER BUILT-IN BOOST SYSTEM POWER AMP)
KIA8159FN KEC-KIA8159FN Datasheet
237Kb / 10P
BIPOLAR LINEAR INTEGRATED CIRCUIT (1.5V STEREO HEADPHONE AMPLIFIER)
More results


Similar Description - KIA8606A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD30NF06L STMICROELECTRONICS-STD30NF06L Datasheet
461Kb / 10P
N-CHANNEL 60V - 0.022Ω - 35A DPAK/IPAK STripFET™ POWER MOSFET
Jul-2002
STD35NF06L STMICROELECTRONICS-STD35NF06L Datasheet
431Kb / 9P
N-CHANNEL 60V - 0.014ohm - 35A DPAK STripFET?줚I MOSFET
Nov-2003
logo
Fairchild Semiconductor
FQD13N06 FAIRCHILD-FQD13N06 Datasheet
659Kb / 10P
60V N-Channel MOSFET
FQD20N06 FAIRCHILD-FQD20N06 Datasheet
660Kb / 9P
60V N-Channel MOSFET
FQP20N06 FAIRCHILD-FQP20N06 Datasheet
655Kb / 8P
60V N-Channel MOSFET
FDD5810 FAIRCHILD-FDD5810 Datasheet
266Kb / 7P
N-Channel PowerTrench짰 MOSFET 60V, 35A, 27mOhm
logo
STMicroelectronics
STD35NF06 STMICROELECTRONICS-STD35NF06 Datasheet
319Kb / 13P
N-channel 60V - 0.018Ω - 35A - DPAK STripFET??II Power MOSFET
20-Feb-2007
logo
Taiwan Semiconductor Co...
TSM220NB06CR TSC-TSM220NB06CR Datasheet
309Kb / 6P
N-Channel Power MOSFET 60V, 35A, 22m廓
TSM220NB06LCR TSC-TSM220NB06LCR Datasheet
314Kb / 6P
N-Channel Power MOSFET 60V, 35A, 22m廓
logo
Rohm
RD3L03BAT ROHM-RD3L03BAT Datasheet
2Mb / 14P
Pch -60V -35A Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com