Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS477A-S-B Datasheet (PDF) - Anachip Corp

ATS477A-S-B Datasheet PDF - Anachip Corp
Part # ATS477A-S-B
Download  ATS477A-S-B Download
File Size   196.5 Kbytes
Page   7 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description Single Phase Hal Efect Latch

ATS477A-S-B Datasheet (PDF)

Go To PDF Page Download Datasheet
ATS477A-S-B Datasheet PDF - Anachip Corp

Part # ATS477A-S-B
Download  ATS477A-S-B Click to download

File Size   196.5 Kbytes
Page   7 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description Single Phase Hal Efect Latch

ATS477A-S-B Datasheet (HTML) - Anachip Corp


ATS477A-S-B Product details

■ General Description
ATS477 that integrates Hall sensor with output drivers is designed for electrical commutation of brush-less DC motor application. The device includes on-chip Hall voltage generator for magnetic sensing, the error amplifier that amplifies the Hall voltage, a comparator that is to provide switching hysteresis for noise rejection, the bi-direction drivers for sinking and driving large current load, and the frequency generator (FG) that provides a signal proportional to rotation speed. Internal bandgap regulator is used to provide temperature compensated bias for internal circuits and allows a wide operating supply voltage range. Built-in protection circuit and output shunt Zener diodes were applied for protecting output drivers during operating.
If a magnetic flux density is larger than threshold Bop, DO is turned to sink and DOB is turned to drive. The output state is held until a magnetic flux density reversal falls below Brp causing DO to be turned to drive and DOB turned to sink.
ATS477 is rated for operation over-temperature range from -20 oC to 85 oC and voltage range from 3.5V to 20V. The devices are available in low cost die forms or rugged SIP-4L and power SOP-7L packages.

■ Features
- On-chip Hall sensor
- Bi-direction H type output drivers for single coil
- Internal bandgap regulator allows temperature compensated operations and a wide operating voltage range
- High output sinking capability up to 250mA
- Operating voltage: 3.5V~20V
- Low output switching current noise
- Build-in shunt Zener protection for output driver
- SOP-7L provide FG output pin
- Package: SIP-4L and SOP-7L

■ Applications
- Single-coil Brush-less DC Fan
- Single-coil Brush-less DC Motor




Similar Part No. - ATS477A-S-B

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS470041033-EXL17-R0 ATS-ATS470041033-EXL17-R0 Datasheet
2Mb / 1P
ATS Extrusion Profiles
ATS470052019-EXL28-R0 ATS-ATS470052019-EXL28-R0 Datasheet
2Mb / 1P
ATS Extrusion Profiles
ATS470073025-EXL32-R0 ATS-ATS470073025-EXL32-R0 Datasheet
2Mb / 1P
ATS Extrusion Profiles
More results


Similar Description - ATS477A-S-B

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH375 ANACHIP-AH375 Datasheet
196Kb / 6P
Single Phase Hall Effect Latch
Rev.1.3 Jan. 09, 2006
AH375 ANACHIP-AH375_1 Datasheet
183Kb / 6P
Single Phase Hall Effect Latch
logo
BCD Semiconductor Manuf...
AH477 BCDSEMI-AH477 Datasheet
54Kb / 2P
SINGLE PHASE HALL EFFECT LATCH
AH477A BCDSEMI-AH477A Datasheet
590Kb / 10P
SINGLE PHASE HALL EFFECT LATCH
AH477 BCDSEMI-AH477_09 Datasheet
588Kb / 10P
SINGLE PHASE HALL EFFECT LATCH
logo
Diodes Incorporated
AH375 DIODES-AH375 Datasheet
183Kb / 9P
SINGLE PHASE HALL EFFECT LATCH
Rev ersal
AH375-WLA DIODES-AH375-WLA Datasheet
183Kb / 9P
SINGLE PHASE HALL EFFECT LATCH
Rev ersal
AH375-WL-7 DIODES-AH375-WL-7 Datasheet
183Kb / 9P
SINGLE PHASE HALL EFFECT LATCH
Rev ersal
AH477A DIODES-AH477A Datasheet
847Kb / 10P
SINGLE PHASE HALL EFFECT LATCH
Rev erses
AH374 DIODES-AH374 Datasheet
520Kb / 12P
SINGLE PHASE HALL EFFECT LATCH
Rev ersal
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com