Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF-551M4 Datasheet (PDF) - Agilent(Hewlett-Packard)

ATF-551M4 Datasheet PDF - Agilent(Hewlett-Packard)
Part # ATF-551M4
Download  ATF-551M4 Download
File Size   198.26 Kbytes
Page   24 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package

ATF-551M4 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATF-551M4 Datasheet PDF - Agilent(Hewlett-Packard)

Part # ATF-551M4
Download  ATF-551M4 Click to download

File Size   198.26 Kbytes
Page   24 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package

ATF-551M4 Datasheet (HTML) - Agilent(Hewlett-Packard)


ATF-551M4 Product details

Description
Agilent Technologies’ ATF-551M4 is a high dynamic range, super low noise, single supply E-pHEMT GAAs FET housed in a thin miniature leadless package.

Features
 • Very low noise figure and high linearity
 • Single Supply Enhancement Mode Technology[1] optimized for 3V operation
 • Excellent uniformity in product specifications
 • 400 micron gate width
 • Thin miniature package 1.4 mm x 1.2 mm x 0.7 mm
 • Tape-and-reel packaging option available

Specifications
 • 2 GHz; 2.7V, 10 mA (typ.)
 • 24.1 dBm output 3rd order intercept
 • 14.6 dBm output power at 1 dB gain compression
 • 0.5 dB noise figure
 • 17.5 dB associated gain

Applications
• Low Noise Amplifier for:
    – Cellular/PCS/WCDMA handsets and modem cards
    – 2.4 GHz, 3.5 GHz and UNII fixed wireless infrastructure
    – 2.4 GHz 802.11b Wireless LAN
    – 5 GHz 802.11a and HIPERLAN Wireless LAN
• General purpose discrete E-pHEMT for other ultra low noise applications




Similar Part No. - ATF-551M4

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ATF-551M4 AVAGO-ATF-551M4 Datasheet
888Kb / 23P
Low Noise Enhancement Mode Pseudomorphic HEMT
logo
Broadcom Corporation.
ATF-551M4 BOARDCOM-ATF-551M4 Datasheet
306Kb / 24P
Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
More results


Similar Description - ATF-551M4

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF54143 HP-ATF54143 Datasheet
154Kb / 16P
Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF-541M4 HP-ATF-541M4 Datasheet
169Kb / 16P
Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-54143 AVAGO-ATF-54143 Datasheet
142Kb / 16P
Low Noise Enhancement Mode Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF-331M4 AVAGO-ATF-331M4 Datasheet
430Kb / 14P
Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
ATF-35143 AVAGO-ATF-35143_15 Datasheet
521Kb / 18P
Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
ATF-38143 AVAGO-ATF-38143 Datasheet
377Kb / 12P
Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
logo
Agilent(Hewlett-Packard...
ATF331M4 HP-ATF331M4 Datasheet
171Kb / 17P
Agilent ATF-331M4 Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
logo
Broadcom Corporation.
DEMO-ATF-5X1M4E BOARDCOM-DEMO-ATF-5X1M4E Datasheet
226Kb / 16P
Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
ATF-331M4 BOARDCOM-ATF-331M4 Datasheet
384Kb / 15P
Low Noise Pseudomorphic HEMT in a Miniature Leadless Package
ATF-551M4 BOARDCOM-ATF-551M4 Datasheet
306Kb / 24P
Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com