Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-314J-300 Datasheet (PDF) - Agilent(Hewlett-Packard)

HCPL-314J-300 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HCPL-314J-300
Download  HCPL-314J-300 Download
File Size   418.51 Kbytes
Page   17 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 0.4 Amp Output Current IGBT Gate Drive Optocoupler

HCPL-314J-300 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-314J-300 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HCPL-314J-300
Download  HCPL-314J-300 Click to download

File Size   418.51 Kbytes
Page   17 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 0.4 Amp Output Current IGBT Gate Drive Optocoupler

HCPL-314J-300 Datasheet (HTML) - Agilent(Hewlett-Packard)


HCPL-314J-300 Product details

Description

The HCPL-315X consists of a LED optically coupled to an integrated circuit with a power output stage. This optocoupler is ideally suited for driving power IGBTs and MOSFETs used in motor control inverter applications. The high operating voltage range of the output stage provides the drive voltages required by gate controlled devices.



Features

• 0.5 A Minimum Peak Output Current

• 15 kV/µs Minimum Common Mode Rejection (CMR) at VCM = 1500 V

• 1.0 V Maximum Low Level Output Voltage (VOL) Eliminates Need for Negative Gate Drive

• ICC = 5 mA Maximum Supply Current

• Under Voltage Lock-Out Protection (UVLO) with Hysteresis

• Wide Operating VCC Range: 15 to 30 Volts

• 0.5 µs Maximum Propagation Delay

• +/– 0.35 µs Maximum Delay Between Devices/Channels

• Industrial Temperature Range: -40°C to 100°C

• HCPL-315J: Channel One to Channel Two Output Isolation = 1500 Vrms/1 min.

• Safety and Regulatory Approval: UL Recognized (UL1577) 3750 Vrms/1 min. IEC/EN/DIN EN 60747-5-2

Approved VIORM = 630 Vpeak (HCPL-3150 Option 060 only) VIORM = 891 Vpeak (HCPL-315J) CSA Certified



Applications

• Isolated IGBT/MOSFET Gate Drive

• AC and Brushless DC Motor Drives

• Industrial Inverters

• Switch Mode Power Supplies (SMPS)

• Uninterruptable Power Supplies (UPS)




Similar Part No. - HCPL-314J-300

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-314J-000E AVAGO-HCPL-314J-000E Datasheet
405Kb / 15P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-314J-500 HP-HCPL-314J-500 Datasheet
420Kb / 16P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
405Kb / 15P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-314J-XXXE HP-HCPL-314J-XXXE Datasheet
420Kb / 16P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Similar Description - HCPL-314J-300

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-314J AVAGO-HCPL-314J Datasheet
287Kb / 15P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302 AVAGO-HCPL-0302 Datasheet
227Kb / 15P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0314-000E AVAGO-HCPL-0314-000E Datasheet
424Kb / 16P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302-500 AVAGO-HCPL-0302-500 Datasheet
227Kb / 15P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3020-500E AVAGO-HCPL-3020-500E Datasheet
227Kb / 15P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-T251-500E AVAGO-HCPL-T251-500E Datasheet
259Kb / 6P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3140-000E AVAGO-HCPL-3140-000E Datasheet
424Kb / 16P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com