Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF0133A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TF0133A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TF0133A
Download  TF0133A Download
File Size   491.38 Kbytes
Page   13 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW DPX 707.5/737.5 MHz LTE Band 12 SMD 1814 (17 MHz BW)

TF0133A Datasheet (PDF)

Go To PDF Page Download Datasheet
TF0133A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TF0133A
Download  TF0133A Click to download

File Size   491.38 Kbytes
Page   13 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW DPX 707.5/737.5 MHz LTE Band 12 SMD 1814 (17 MHz BW)

TF0133A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.




Similar Part No. - TF0133A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TF0133AN TAI-SAW-TF0133AN Datasheet
348Kb / 13P
SAW DPX 707.5/737.5 MHz LTE Band 12 SMD 1814 (17 MHz BW)
More results


Similar Description - TF0133A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TF0121AN TAI-SAW-TF0121AN Datasheet
351Kb / 12P
SAW DPX 1880/1960 MHz LTE Band 2 SMD 1814 (59.04 MHz BW)
TF0122AN TAI-SAW-TF0122AN Datasheet
360Kb / 12P
SAW DPX 1733/2133 MHz LTE Band 4 SMD 1814 (45 MHz BW)
TF0123AN TAI-SAW-TF0123AN Datasheet
336Kb / 12P
SAW DPX 836.5/881.5 MHz LTE Band 5 SMD 1814 (25 MHz BW)
TF0127A TAI-SAW-TF0127A Datasheet
513Kb / 13P
SAW DPX 1880/1960 MHz LTE Band 2 SMD 1814 (59.04 MHz BW)
TF0128A TAI-SAW-TF0128A Datasheet
504Kb / 14P
SAW DPX 1733/2133 MHz LTE Band 4 SMD 1814(45 MHz BW)
TF0129A TAI-SAW-TF0129A Datasheet
510Kb / 13P
SAW DPX 836.5/881.5 MHz LTE Band 5 SMD 1814 (25 MHz BW)
TF0130A TAI-SAW-TF0130A Datasheet
503Kb / 14P
SAW DPX 897.5/942.5 MHz LTE Band 8 SMD 1814 (30.2 MHz BW)
TF0133AN TAI-SAW-TF0133AN Datasheet
348Kb / 13P
SAW DPX 707.5/737.5 MHz LTE Band 12 SMD 1814 (17 MHz BW)
TA2438A TAI-SAW-TA2438A Datasheet
803Kb / 8P
SAW Tx Filter 707.5 MHz LTE Band 12 SMD1.1X0.9mm (BW=17 MHz)
TF0133B TAI-SAW-TF0133B Datasheet
480Kb / 13P
SAW DPX 707.5/ 737.5 MHz LTE Band 12 SMD 1814
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com