Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD3082 Datasheet (PDF) - List of Unclassifed Manufacturers

TD3082 Datasheet PDF - List of Unclassifed Manufacturers
Part # TD3082
Download  TD3082 Download
File Size   181.06 Kbytes
Page   4 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Zero-Volt Switching Triac Driver

TD3082 Datasheet (PDF)

Go To PDF Page Download Datasheet
TD3082 Datasheet PDF - List of Unclassifed Manufacturers

Part # TD3082
Download  TD3082 Click to download

File Size   181.06 Kbytes
Page   4 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Zero-Volt Switching Triac Driver

TD3082 Datasheet (HTML) - List of Unclassifed Manufacturers


TD3082 Product details

[Solid State Optronics, Inc.]

DESCRIPTION
The TD3082 consists of a single input LED optically coupled to a zero-volt crossing triac driver. The TD3082 provides high input-to-output isolation and is designed to drive high-powered triacs. Typical uses include interfacing logic level control signals to equipment powered from 110Vac and 220Vac lines.

FEATURES
• Zero-volt switching
• 800V blocking voltage
• High input-to-output isolation
• High reliability
• 10mA turn-on current

APPLICATIONS
• Home appliances
• Motor control
• Solid state relays
• Valve control
• Solenoids
• Exercise equipment




Similar Part No. - TD3082

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
TD3082 SSOUSA-TD3082 Datasheet
436Kb / 9P
High Isolation Voltage
logo
Solid State Inc
TD3082 SOLIDSTATE-TD3082 Datasheet
450Kb / 9P
High dV/dt (1kV/S MIN, 2kV/S TYP)
11/12/2013
More results


Similar Description - TD3082

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
TD3043 SSOUSA-TD3043 Datasheet
336Kb / 4P
Zero-Volt Switching Triac Driver
TD3063 SSOUSA-TD3063 Datasheet
481Kb / 5P
Zero-Volt Switching Triac Driver
S106 SSOUSA-S106_15 Datasheet
235Kb / 5P
Zero-Volt Cross Switching
S108-X SSOUSA-S108-X Datasheet
440Kb / 8P
Zero-Volt Cross Switching
S109 SSOUSA-S109 Datasheet
247Kb / 8P
Zero-Volt Cross Switching
S112-X SSOUSA-S112-X Datasheet
347Kb / 8P
Zero-Volt Cross Switching
TD3041 SSOUSA-TD3041 Datasheet
436Kb / 9P
Zero Volt Switching
TD3042 SSOUSA-TD3042 Datasheet
594Kb / 5P
Zero-Volt Switching
TD3062 SSOUSA-TD3062 Datasheet
448Kb / 9P
Zero-Volt Switching
TD3081 SSOUSA-TD3081 Datasheet
436Kb / 9P
Zero Volt Switching
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com