Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY27SF161G2M-VEP Datasheet (PDF) - Hynix Semiconductor

HY27SF161G2M-VEP Datasheet PDF - Hynix Semiconductor
Part # HY27SF161G2M-VEP
Download  HY27SF161G2M-VEP Download
File Size   476.81 Kbytes
Page   48 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash Memory

HY27SF161G2M-VEP Datasheet (PDF)

Go To PDF Page Download Datasheet
HY27SF161G2M-VEP Datasheet PDF - Hynix Semiconductor

Part # HY27SF161G2M-VEP
Download  HY27SF161G2M-VEP Click to download

File Size   476.81 Kbytes
Page   48 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash Memory

HY27SF161G2M-VEP Datasheet (HTML) - Hynix Semiconductor


HY27SF161G2M-VEP Product details

SUMMARY DESCRIPTION

The HYNIX HY27(U/S)F(08/16)1G2M series isa 128Mx8bit with spare 4Mx8 bit capacity. The device is offered in 1.8V Vcc Power Supply and in 3.3V Vcc Power Supply. Its NAND cell provides the most cost-effective solution for the solid state mass storage market The memory is divided into blocks that can be erased independently so it is possible to preserve valid data while old data is erased. The device contains 1024 blocks, composed by 64 pages consisting in two NAND structures of 32 series connected Flash cells.



 




Similar Part No. - HY27SF161G2M-VEP

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY27SF161G2A HYNIX-HY27SF161G2A Datasheet
394Kb / 46P
1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
More results


Similar Description - HY27SF161G2M-VEP

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY27UA081G1M HYNIX-HY27UA081G1M Datasheet
729Kb / 43P
1Gbit (128Mx8bit / 64Mx16bit) NAND Flash Memory
logo
OKI electronic componet...
ML54051 OKI-ML54051 Datasheet
283Kb / 37P
NAND Flash Memory Controller
ML54053 OKI-ML54053 Datasheet
222Kb / 26P
NAND Flash Memory Controller
logo
Hynix Semiconductor
HY27SF081G2A HYNIX-HY27SF081G2A Datasheet
394Kb / 46P
1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
HY27UF081G2A HYNIX-HY27UF081G2A Datasheet
390Kb / 46P
1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
HY27US081G1M HYNIX-HY27US081G1M Datasheet
318Kb / 39P
1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
logo
Elite Semiconductor Mem...
F50L512M41A ESMT-F50L512M41A Datasheet
700Kb / 36P
SPI-NAND Flash Memory
logo
Macronix International
MX30LF1G08AA-XKI MCNIX-MX30LF1G08AA-XKI Datasheet
766Kb / 48P
1G-bit NAND Flash Memory
MX30LF1208AA-TI MCNIX-MX30LF1208AA-TI Datasheet
762Kb / 48P
512M-bit NAND Flash Memory
logo
Winbond
W29N01HV WINBOND-W29N01HV Datasheet
1Mb / 54P
1G-BIT 3.3V NAND FLASH MEMORY
Revision C
More results




About Hynix Semiconductor


Hynix Semiconductor is a South Korean company that specializes in the design and manufacture of memory semiconductors.
The company was founded in 1983 and is headquartered in Icheon, South Korea.
Hynix is one of the world's leading producers of DRAM (dynamic random access memory) and NAND flash memory, which are used in various applications such as computer systems, mobile devices, and solid-state drives.
Hynix is known for its expertise in memory semiconductor technology and its ability to deliver high-quality and high-performance memory products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized memory solutions that meet their specific requirements and needs.
In addition to its memory products, Hynix also provides a range of products and solutions for the automotive and data center markets, such as system-on-a-chip (SoC) products and high-bandwidth memory (HBM) products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com