Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KS8721BL Datasheet (PDF) - Micrel Semiconductor

KS8721BL Datasheet PDF - Micrel Semiconductor
Part # KS8721BL
Download  KS8721BL Download
File Size   61.86 Kbytes
Page   2 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3.3V 10/100 BASE-TX/FX PHYSICAL LAYER TRANSCEIVER

KS8721BL Datasheet (PDF)

Go To PDF Page Download Datasheet
KS8721BL Datasheet PDF - Micrel Semiconductor

Part # KS8721BL
Download  KS8721BL Click to download

File Size   61.86 Kbytes
Page   2 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3.3V 10/100 BASE-TX/FX PHYSICAL LAYER TRANSCEIVER

KS8721BL Datasheet (HTML) - Micrel Semiconductor


KS8721BL Product details

General Description

Operating with a 2.5V core to meet low-voltage and low power requirements, the KS8721BL and KS8721SL are 10BASE-T/100BASE-TX/FX Physical Layer Transceivers that use MII and RMII interfaces to transmit and receive data. They contain 10BASE-T Physical Medium Attachment (PMA), Physical Medium Dependent (PMD), and Physical Coding Sub-layer (PCS) functions. The KS8721BL/SL also have on-chip 10BASE-T output filtering. This eliminates the need for external filters and allows a single set of line magnetics to be used to meet requirements for both 100BASE-TX and 10BASE-T.



Features

• Single chip 100BASE-TX/100BASE-FX/10BASE-T physical layer solution

• 2.5V CMOS design; 2.5/3.3V tolerance on I/O

• 3.3V single power supply with built-in voltage regulator; Power consumption <340mW (including output driver current)

• Fully compliant to IEEE 802.3u standard

• Supports MII and Reduced MII (RMII)

• Supports 10BASE-T, 100BASE-TX, and 100BASE-FX with Far_End_Fault Detection

• Supports power-down and power-saving modes

• Configurable through MII serial management ports or via external control pins

• Supports auto-negotiation and manual selection for 10/100Mbps speed and full-/half-duplex modes

• On-chip, built-in, analog front-end filtering for both 100BASE-TX and 10BASE-T

• LED outputs for link, activity, full-/half-duplex, collision, and speed

• Supports back-to-back, FX to TX for media converter applications

• Supports MDI/MDI-X auto-crossover

• KS8721BL is a drop-in replacement for the KS8721BT in the same footprint

• KS8721SL is a drop-in replacement for the KS8721B in the same footprint

• Commercial Temperature Range: 0oC to +70oC

• Industrial Temperature Range: –40oC to +85oC

• Available in 48-pin SSOP and LQFP




Similar Part No. - KS8721BL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8721BL MICREL-KS8721BL Datasheet
317Kb / 35P
3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
KS8721BL MICREL-KS8721BL Datasheet
218Kb / 33P
3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
KS8721BLI MICREL-KS8721BLI Datasheet
317Kb / 35P
3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
KS8721BLI MICREL-KS8721BLI Datasheet
218Kb / 33P
3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
KS8721BL MICREL-KS8721BL_11 Datasheet
317Kb / 35P
3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
More results


Similar Description - KS8721BL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8001 MICREL-KS8001 Datasheet
623Kb / 44P
1.8V, 3.3V 10/100BASETX/FX Physical Layer Transceiver
logo
Davicom Semiconductor, ...
DM9161 DAVICOM-DM9161_08 Datasheet
666Kb / 50P
10/100 Mbps Fast Ethernet Physical Layer TX/FX Single Chip Transceiver
logo
Micrel Semiconductor
KS8721BL MICREL-KS8721BL_11 Datasheet
317Kb / 35P
3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
KS8721CL MICREL-KS8721CL_11 Datasheet
280Kb / 33P
3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
KSZ8001L MICREL-KSZ8001L Datasheet
561Kb / 46P
1.8C, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
KSZ8721SL-TR MICREL-KSZ8721SL-TR Datasheet
218Kb / 33P
3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
KSZ8041FTLI MICREL-KSZ8041FTLI Datasheet
82Kb / 2P
Physical Layer Transceiver 10/100BASE-T/TX/FX
KSZ8001SL MICREL-KSZ8001SL Datasheet
561Kb / 46P
1.8V, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
logo
Microchip Technology
KSZ8001L MICROCHIP-KSZ8001L Datasheet
542Kb / 51P
1.8V, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
05/14/19
KSZ8721BL MICROCHIP-KSZ8721BL Datasheet
572Kb / 44P
3.3V Single Power Supply 10/100 Base-TX/FX MII Physical Layer Transceiver
08/15/18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com