Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-4603 Datasheet (PDF) - Agilent(Hewlett-Packard)

HDSP-4603 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HDSP-4603
Download  HDSP-4603 Download
File Size   311.98 Kbytes
Page   8 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 7.6mm (0.3 inch)/10.9mm (0.43 inch) Seven Segment Display

HDSP-4603 Datasheet (PDF)

Go To PDF Page Download Datasheet
HDSP-4603 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HDSP-4603
Download  HDSP-4603 Click to download

File Size   311.98 Kbytes
Page   8 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 7.6mm (0.3 inch)/10.9mm (0.43 inch) Seven Segment Display

HDSP-4603 Datasheet (HTML) - Agilent(Hewlett-Packard)


HDSP-4603 Product details

Description
The 7.6 mm (0.3 inch) and 10.9 mm (0.43 inch) LED seven segment displays are designed for viewing distances up to 3 metres (10 feet) and 5 metres (16 feet). These devices use an industry standard size package and pinouts. All devices are available as either common anode or common cathode.

Features
• Industry Standard Size
• Industry Standard Pinout
    7.62 mm (0.300 inch) DIP
    Leads on 2.54 mm
    (0.100 inch) Centers
• Choice of Colors
    Red, AlGaAs Red, High
    Efficiency Red, Yellow, Green
• Excellent Appearance
    Evenly Lighted Segments
    Gray Package Gives Optimum
    Contrast
    ± 50° Viewing Angle
• Design Flexibility
    Common Anode or
    Common Cathode
    Single Digits
    Left or Right Hand Decimal
    Point
    ± 1. Overflow Character
• Categorized for Luminous Intensity
    Yellow and Green Categorized
    for Color
    Use of Like Categories Yields a
    Uniform Display
• High Light Output
• High Peak Current
• Excellent for Long Digit String Multiplexing
• Intensity and Color
    Selection Available
    See Intensity and Color
    Selected Displays Data Sheet
• Sunlight Viewable AlGaAs




Similar Part No. - HDSP-4603

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-4603 AVAGO-HDSP-4603 Datasheet
995Kb / 10P
7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
HDSP-4603 AVAGO-HDSP-4603 Datasheet
995Kb / 10P
7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
More results


Similar Description - HDSP-4603

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
5082-7650 QT-5082-7650 Datasheet
526Kb / 5P
0.43-INCH SEVEN SEGMENT DISPLAYS
logo
Fairchild Semiconductor
5082-7760 FAIRCHILD-5082-7760 Datasheet
551Kb / 6P
0.43-INCH SEVEN SEGMENT DISPLAYS
logo
Agilent(Hewlett-Packard...
5082-7610 HP-5082-7610 Datasheet
193Kb / 11P
7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
logo
List of Unclassifed Man...
LN2003 ETC1-LN2003 Datasheet
54Kb / 2P
SEVEN SEGMENT DISPLAY -7.6mm (0.3 INCH) Dual
logo
AVAGO TECHNOLOGIES LIMI...
5082-761X AVAGO-5082-761X Datasheet
242Kb / 10P
7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
HDSP-3601 AVAGO-HDSP-3601 Datasheet
995Kb / 10P
7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
HDSP-331E AVAGO-HDSP-331E_12 Datasheet
82Kb / 12P
7.62 mm (0.3 inch) General Purpose Seven-Segment Display
HDSP-E150 AVAGO-HDSP-E150 Datasheet
995Kb / 10P
7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
HDSP-4603 AVAGO-HDSP-4603 Datasheet
995Kb / 10P
7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
logo
Broadcom Corporation.
5082-761X BOARDCOM-5082-761X Datasheet
1Mb / 12P
7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven-Segment Displays
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com