Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT1143 Datasheet (PDF) - Advanced Analogic Technologies

AAT1143 Datasheet PDF - Advanced Analogic Technologies
Part # AAT1143
Download  AAT1143 Download
File Size   594.03 Kbytes
Page   20 Pages
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies
Description 1MHz 400mA Step-Down Converter

AAT1143 Datasheet (PDF)

Go To PDF Page Download Datasheet
AAT1143 Datasheet PDF - Advanced Analogic Technologies

Part # AAT1143
Download  AAT1143 Click to download

File Size   594.03 Kbytes
Page   20 Pages
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies
Description 1MHz 400mA Step-Down Converter

AAT1143 Datasheet (HTML) - Advanced Analogic Technologies


AAT1143 Product details

General Description
The AAT1143 SwitchReg™ is a 1MHz step-down converter with an input voltage range of 2.7V to 5.5V and output as low as 0.6V. Its low supply current, small size, and high switching frequency make the AAT1143 the ideal choice for portable applications.

Features
• VIN Range: 2.7V to 5.5V
• VOUT Adjustable Down to 0.6V
    — Fixed or Adjustable Version
• 25μA No Load Quiescent Current
• Up to 95% Efficiency
• 400mA Max Output Current
• 1MHz Switching Frequency
• Soft Start
• Over-Temperature Protection
• Current Limit Protection
• 100% Duty Cycle Low-Dropout Operation
• 0.1μA Shutdown Current
• SC70JW-8 Package
• Temperature Range: -40°C to +85°C

Applications
• Cellular Phones
• Digital Cameras
• Handheld Instruments
• Microprocessor / DSP Core / IO Power
• PDAs and Handheld Computers
• USB Devices




Similar Part No. - AAT1143

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1143 ANALOGICTECH-AAT1143 Datasheet
772Kb / 20P
1MHz 400mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1143 SKYWORKS-AAT1143 Datasheet
1Mb / 19P
1MHz 400mA Step-Down Converter
logo
Advanced Analogic Techn...
AAT1143IJS-0.6-T1 ANALOGICTECH-AAT1143IJS-0.6-T1 Datasheet
772Kb / 20P
1MHz 400mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1143IJS-0.6-T1 SKYWORKS-AAT1143IJS-0.6-T1 Datasheet
1Mb / 19P
1MHz 400mA Step-Down Converter
logo
Advanced Analogic Techn...
AAT1143IJS-1.2-T1 ANALOGICTECH-AAT1143IJS-1.2-T1 Datasheet
772Kb / 20P
1MHz 400mA Step-Down Converter
More results


Similar Description - AAT1143

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2510 ANALOGICTECH-AAT2510 Datasheet
614Kb / 20P
Dual 400mA, 1MHz Step-Down DC-DC Converter
AAT1123 ANALOGICTECH-AAT1123 Datasheet
558Kb / 20P
1MHz Step-Down Converter
AAT1126 ANALOGICTECH-AAT1126 Datasheet
554Kb / 20P
600mA, 1MHz Step-Down Converter
AAT1123 ANALOGICTECH-AAT1123_07 Datasheet
577Kb / 20P
1MHz Step-Down Converter
AAT1143 ANALOGICTECH-AAT1143_06 Datasheet
772Kb / 20P
1MHz 400mA Step-Down Converter
AAT2510 ANALOGICTECH-AAT2510_06 Datasheet
744Kb / 20P
Dual 400mA, 1MHz Step-Down DC-DC Converter
logo
Skyworks Solutions Inc.
AAT1123 SKYWORKS-AAT1123 Datasheet
936Kb / 18P
1MHz Step-Down Converter
AAT1126 SKYWORKS-AAT1126 Datasheet
1,004Kb / 18P
600mA, 1MHz Step-Down Converter
AAT1143 SKYWORKS-AAT1143 Datasheet
1Mb / 19P
1MHz 400mA Step-Down Converter
AAT2510 SKYWORKS-AAT2510 Datasheet
1Mb / 19P
Dual 400mA, 1MHz Step-Down DC/DC Converter
More results




About Advanced Analogic Technologies


Advanced Analogic Technologies (AnalogicTech) is a semiconductor company that specializes in the design, development and manufacture of power manageAdvanced Analogic Technologies (AnalogicTech) is a semiconductor company that specializes in the design, development and manufacture of power management and high-performance analog integrated circuits (ICs).
The company's products are used in a wide range of applications including mobile devices, laptops, digital cameras, and other portable electronic devices.
AnalogicTech's portfolio includes DC-DC converters, LED drivers, battery management ICs, and other power management solutions. The company was acquired by Texas Instruments in 2013.ment and high-performance analog integrated circuits (ICs). The company's products are used in a wide range of applications including mobile devices, laptops, digital cameras, and other portable electronic devices. AnalogicTech's portfolio includes DC-DC converters, LED drivers, battery management ICs, and other power management solutions. The company was acquired by Texas Instruments in 2013.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com