Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC882A Datasheet (PDF) - Analog Devices

HMC882A Datasheet PDF - Analog Devices
Part # HMC882A
Download  HMC882A Download
File Size   473.81 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3.95 GHz to 6.9 GHz, Tunable Low-Pass Filter

HMC882A Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC882A Datasheet PDF - Analog Devices

Part # HMC882A
Download  HMC882A Click to download

File Size   473.81 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3.95 GHz to 6.9 GHz, Tunable Low-Pass Filter

HMC882A Datasheet (HTML) - Analog Devices




Similar Part No. - HMC882A

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC882LP5E HITTITE-HMC882LP5E Datasheet
512Kb / 6P
FILTER - TUNABLE, LOW PASS SMT 4.5 - 7.6 GHz
HMC882LP5E HITTITE-HMC882LP5E Datasheet
889Kb / 6P
FILTER - TUNABLE, LOW PASS SMT 4.5 - 7.6 GHz
HMC882LP5E_1007 HITTITE-HMC882LP5E_1007 Datasheet
889Kb / 6P
FILTER - TUNABLE, LOW PASS SMT 4.5 - 7.6 GHz
More results


Similar Description - HMC882A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC881A AD-HMC881A Datasheet
621Kb / 11P
2.4 GHz to 4 GHz, Tunable Low-Pass Filter
4/2019-Revision 0
HMC890ALP5E AD-HMC890ALP5E Datasheet
486Kb / 11P
1.0 GHz to 1.9 GHz Tunable Band-Pass Filter
8/2018-Revision 0
HMC891ALP5E AD-HMC891ALP5E Datasheet
546Kb / 11P
1.95 GHz to 3.4 GHz, Tunable Band-Pass Filter
9/2018-Revision 0
ADMV8818 AD-ADMV8818 Datasheet
998Kb / 36P
2 GHz to 18 GHz, Digitally Tunable, High-Pass and Low-Pass Filter
12/2020-Revision 0
ADMV8416 AD-ADMV8416 Datasheet
567Kb / 16P
6.3 GHz to 18 GHz, Tunable Band-Pass Filter
10/2020-Rev. 0 to Rev. A
ADMV8420 AD-ADMV8420 Datasheet
494Kb / 14P
10 GHz to 21.7 GHz, Tunable Band-Pass Filter
10/2020-Rev. A to Rev. B
ADMV8432 AD-ADMV8432 Datasheet
587Kb / 17P
15.1 GHz to 32 GHz, Tunable Band-Pass Filter
3/2021-Rev. 0 to Rev. A
ADMV8818-EP AD-ADMV8818-EP Datasheet
1Mb / 36P
2 GHz to 18 GHz, Digitally Tunable, High-Pass and Low-Pass Filter
5/2021-Rev. 0 to Rev. A
ADMV8526 AD-ADMV8526 Datasheet
1Mb / 31P
1.25 GHz to 2.60 GHz Digitally Tunable Band-Pass Filter
Rev. 0
ADMV8440CHIPS AD-ADMV8440CHIPS Datasheet
662Kb / 14P
20 GHz to 40 GHz, Tunable Band-Pass Filter
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com