Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM9229 Datasheet (PDF) - Shenzhen Huazhimei Semiconductor Co., Ltd

HM9229 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd
Part # HM9229
Download  HM9229 Download
File Size   911.53 Kbytes
Page   12 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description 10A Current Mode Non-Synchronous PWM Boost Converter

HM9229 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM9229 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM9229
Download  HM9229 Click to download

File Size   911.53 Kbytes
Page   12 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description 10A Current Mode Non-Synchronous PWM Boost Converter

HM9229 Datasheet (HTML) - Shenzhen Huazhimei Semiconductor Co., Ltd


HM9229 Product details

General Description
The HM9229 is a current mode boost DC-DC converter. It is PWM circuitry with built-in 15mΩ power MOSFET make this regulator highly power efficient. The non-inverting input of error amplifier connects to a 1.2V precision reference voltage. Current mode control and external compensation network make is easy and flexible to stabilize the system.
The HM9229 is available in the SOP-8L(EP) package to fit in space-saving PCB for the application fields.

Features
● Supply Voltage Operating Range: 2.7V to 12V
● Adjustable Output up to 13V
● Internal Fixed PWM frequency: 400KHz
● Precision Feedback Reference Voltage: 1.2V (±2%)
● Internal 15mΩ, 10A, 14V Power MOSFET
● Shutdown Current: 1μA (Max.)
● Over Temperature Protection
● Internal Soft Start Function
● Adjustable Over Current Protection: 2A ~ 10A
● Package: SOP-8L(EP)

Applications
● Chargers
● LCD Displays
● Digital Cameras
● Handheld Devices
● Portable Products
● Power Bank




Similar Part No. - HM9229

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM9220 HMSEMI-HM9220 Datasheet
3Mb / 13P
built-in MOS, Y, 9A converter
HM9221 HMSEMI-HM9221 Datasheet
591Kb / 6P
6 A boost DC-DC
HM9225 HMSEMI-HM9225 Datasheet
1Mb / 8P
1.2MHz, Peak 5.5A Current, Boos t Converter
HM9226 HMSEMI-HM9226 Datasheet
579Kb / 10P
3.3V~5V Input 12W Output Step-up DC/DC Converter
HM9227 HMSEMI-HM9227 Datasheet
2Mb / 8P
HM9227
More results


Similar Description - HM9229

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FP5138 FEELING-FP5138 Datasheet
440Kb / 16P
Non-Synchronous PWM Boost Controller
FP5202 FEELING-FP5202 Datasheet
342Kb / 10P
Non-Synchronous PWM Boost Controller
FP5209 FEELING-FP5209 Datasheet
308Kb / 10P
Non-Synchronous PWM Boost Controller
FP6288 FEELING-FP6288 Datasheet
432Kb / 12P
Non-Synchronous PWM Boost Converter
FP6296 FEELING-FP6296 Datasheet
627Kb / 13P
10A Current Mode Non-Synchronous PWM Boost Converter
logo
Shenzhenshi YONGFUKANG ...
FP5208 YONGFUKANG-FP5208 Datasheet
696Kb / 16P
Non-Synchronous PWM Boost Controller
logo
SHOUDING Shouding Semic...
SD6209 SHOUDING-SD6209 Datasheet
1Mb / 10P
Non-Synchronous PWM Boost Controller
SD6276 SHOUDING-SD6276 Datasheet
2Mb / 9P
10A Current Mode Non Synchronous PWM Boost Converter
logo
Shenzhen Huazhimei Semi...
HM5307 HMSEMI-HM5307 Datasheet
954Kb / 15P
Non-Synchronous PWM Boost Controller
HM5167B HMSEMI-HM5167B Datasheet
1Mb / 10P
10A synchronous rectification boost converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com