Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1962 Datasheet (PDF) - ON Semiconductor

2SA1962 Datasheet PDF - ON Semiconductor
Part # 2SA1962
Download  2SA1962 Download
File Size   484.8 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description PNP Epitaxial Silicon Transistor

2SA1962 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1962 Datasheet PDF - ON Semiconductor

Part # 2SA1962
Download  2SA1962 Click to download

File Size   484.8 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description PNP Epitaxial Silicon Transistor

2SA1962 Datasheet (HTML) - ON Semiconductor


2SA1962 Product details

Features
• High Current Capability: I C = -17A
• High Power Dissipation : 130watts
• High Frequency : 30MHz.
• High Voltage : VCEO= -250V
• Wide S.O.A for reliable operation.
• Excellent Gain Linearity for low THD.
• Complement to 2SC5242/FJA4313.
• Thermal and electrical Spice models are available.
• Same transistor is also available in:
   -- TO264 package, 2SA1943/FJL4215 : 150 watts
   -- TO220 package, FJP1943 : 80 watts
   -- TO220F package, FJPF1943 : 50 watts

Applications
• High-Fidelity Audio Output Amplifier
• General Purpose Power Amplifier




Similar Part No. - 2SA1962

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1962 TOSHIBA-2SA1962 Datasheet
150Kb / 2P
TRANSISTOR (POWER AMPLIFIER APPLICATIONS)
03-Feb-1997
2SA1962 TOSHIBA-2SA1962 Datasheet
129Kb / 4P
Power Amplifier Applications
logo
Fairchild Semiconductor
2SA1962 FAIRCHILD-2SA1962 Datasheet
206Kb / 6P
PNP Epitaxial Silicon Transistor
logo
Inchange Semiconductor ...
2SA1962 ISC-2SA1962 Datasheet
110Kb / 2P
isc Silicon PNP Power Transistor
logo
Savantic, Inc.
2SA1962 SAVANTIC-2SA1962 Datasheet
175Kb / 4P
Silicon PNP Power Transistors
More results


Similar Description - 2SA1962

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTC2SA1015 UTC-UTC2SA1015 Datasheet
62Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Samsung semiconductor
2N5401 SAMSUNG-2N5401 Datasheet
76Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
BCW69 SAMSUNG-BCW69 Datasheet
28Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BCX71G FAIRCHILD-BCX71G Datasheet
31Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
FJN4303R FAIRCHILD-FJN4303R Datasheet
36Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4202R FAIRCHILD-FJNS4202R Datasheet
36Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4204R FAIRCHILD-FJNS4204R Datasheet
65Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4210R FAIRCHILD-FJNS4210R Datasheet
32Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4212R FAIRCHILD-FJNS4212R Datasheet
26Kb / 3P
PNP Epitaxial Silicon Transistor
FJV4102R FAIRCHILD-FJV4102R Datasheet
55Kb / 4P
PNP Epitaxial Silicon Transistor
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com