Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC-49U-3PIN Datasheet (PDF) - Fronter Electronics Co., Ltd.

HC-49U-3PIN Datasheet PDF - Fronter Electronics Co., Ltd.
Part # HC-49U-3PIN
Download  HC-49U-3PIN Download
File Size   185.6 Kbytes
Page   2 Pages
Manufacturer  FRONTER [Fronter Electronics Co., Ltd.]
Direct Link  http://www.chinafronter.com
Logo FRONTER - Fronter Electronics Co., Ltd.
Description 3 Pin Dip Crystal 11.4x4.8 mm

HC-49U-3PIN Datasheet (PDF)

Go To PDF Page Download Datasheet
HC-49U-3PIN Datasheet PDF - Fronter Electronics Co., Ltd.

Part # HC-49U-3PIN
Download  HC-49U-3PIN Click to download

File Size   185.6 Kbytes
Page   2 Pages
Manufacturer  FRONTER [Fronter Electronics Co., Ltd.]
Direct Link  http://www.chinafronter.com
Logo FRONTER - Fronter Electronics Co., Ltd.
Description 3 Pin Dip Crystal 11.4x4.8 mm

HC-49U-3PIN Datasheet (HTML) - Fronter Electronics Co., Ltd.




Similar Part No. - HC-49U-3PIN

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
HC-49U-R MTRONPTI-HC-49U-R Datasheet
257Kb / 2P
Surface Mount Crystals
logo
Kyocera Kinseki Corpota...
HC-49U-S KSS-HC-49U-S Datasheet
130Kb / 1P
Miniature Quartz Crystal Unit for Microprocessor Model HC-49/U-S
More results


Similar Description - HC-49U-3PIN

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VPA1 VECTRON-VPA1 Datasheet
132Kb / 2P
VPA1 14 Pin Dip Crystal Oscillators
logo
Connor-Winfield Corpora...
HTF546A CONNOR-WINFIELD-HTF546A Datasheet
163Kb / 2P
5.0V HCMOS TCXO 14 Pin DIP Crystal Oscillator
HTFL2-20.00M CONNOR-WINFIELD-HTFL2-20.00M Datasheet
117Kb / 2P
3.3V HCMOS TCXO 14 Pin DIP Crystal Oscillator
HTFL530 CONNOR-WINFIELD-HTFL530 Datasheet
103Kb / 2P
3.3V 14 Pin DIP LVCMOS TCXO Crystal Oscillator
logo
Vectron International, ...
VPA1-B1B-40M000 VECTRON-VPA1-B1B-40M000 Datasheet
133Kb / 2P
VPA1 14 Pin Dip Crystal Oscillators
logo
Fronter Electronics Co....
AT26 FRONTER-AT26 Datasheet
169Kb / 2P
DIP Cylindrical Crystal MHz 2x6 mm
AT38 FRONTER-AT38 Datasheet
169Kb / 2P
DIP Cylindrical Crystal MHz 3x8 mm
AT39 FRONTER-AT39 Datasheet
169Kb / 2P
DIP Cylindrical Crystal MHz 3x9 mm
AT310 FRONTER-AT310 Datasheet
169Kb / 2P
DIP Cylindrical Crystal MHz 3x10 mm
HC-49S FRONTER-HC-49S Datasheet
184Kb / 2P
Dip Crystal 11.4x4.8 mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com