Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B10011S Datasheet (PDF) - ATMEL Corporation

B10011S Datasheet PDF - ATMEL Corporation
Part # B10011S
Download  B10011S Download
File Size   127.38 Kbytes
Page   11 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description CAN TRANSCEIVER IC

B10011S Datasheet (PDF)

Go To PDF Page Download Datasheet
B10011S Datasheet PDF - ATMEL Corporation

Part # B10011S
Download  B10011S Click to download

File Size   127.38 Kbytes
Page   11 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description CAN TRANSCEIVER IC

B10011S Datasheet (HTML) - ATMEL Corporation


B10011S Product details

Description
The CAN driver IC B10011S is a low-speed, high-level interface for 24V (27V) operation with transmission levels according to ISO WD 11992-1 (point-to-point interface between trucks and trailers). It is developed for signal levels of 8V/16V and a speed of up to 250 kbits/s.

Features
• Capability of Single-wire Operation
• Hardware Fault Recognition
• Inputs with High Common-mode and Differential-mode Interference Rejection Above 100 VPP due to External Filters at the Receiver Input
• Immunity Against Electromagnetic Interference
• Immunity Against Ground-voltage Offsets < 6V
• Ruggedized Against ESD by MIL-STD-883C, Method 3015

Benefits
Systems which employ this device have the following benefits compared to solutions using discrete components:
• High Reliability

Applications
• Especially Suited for Truck and Van Applications
• Interface Between Truck and Trailer
• Interface Between Dashboard and Engine




Similar Part No. - B10011S

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
B10011S ATMEL-B10011S Datasheet
258Kb / 12P
Can Transceiver IC
B10011S-MFPG1Y ATMEL-B10011S-MFPG1Y Datasheet
208Kb / 12P
Can Transceiver IC
B10011S-MFPG1Y ATMEL-B10011S-MFPG1Y Datasheet
258Kb / 12P
Can Transceiver IC
B10011S-MFPG3Y ATMEL-B10011S-MFPG3Y Datasheet
208Kb / 12P
Can Transceiver IC
B10011S-MFPG3Y ATMEL-B10011S-MFPG3Y Datasheet
258Kb / 12P
Can Transceiver IC
More results


Similar Description - B10011S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC5350 TI-UC5350 Datasheet
110Kb / 6P
CAN Transceiver
logo
Infineon Technologies A...
TLE6250 INFINEON-TLE6250 Datasheet
615Kb / 27P
CAN-Transceiver
Version 3.4 2002-10-08
logo
Renesas Technology Corp
HA13721RP RENESAS-HA13721RP Datasheet
114Kb / 9P
CAN Transceiver
logo
Texas Instruments
SN65HVD251 TI-SN65HVD251_06 Datasheet
378Kb / 19P
CAN TRANSCEIVER
logo
ATMEL Corporation
B10011S ATMEL-B10011S_05 Datasheet
208Kb / 12P
Can Transceiver IC
logo
Sanyo Semicon Device
LA2360M SANYO-LA2360M Datasheet
67Kb / 5P
Monolithic Linear IC CAN Transceiver
logo
Texas Instruments
SN65HVD251 TI-SN65HVD251_08 Datasheet
557Kb / 21P
CAN TRANSCEIVER
logo
ATMEL Corporation
B10011S ATMEL-B10011S_07 Datasheet
258Kb / 12P
Can Transceiver IC
logo
Texas Instruments
SN65HVD251-Q1 TI1-SN65HVD251-Q1 Datasheet
349Kb / 20P
CAN TRANSCEIVER
logo
Renesas Technology Corp
HA13721RP RENESAS-HA13721RP_15 Datasheet
139Kb / 11P
CAN Transceiver
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com