Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSP01H17 Datasheet (PDF) - Thinki Semiconductor Co., Ltd.

TSP01H17 Datasheet PDF - Thinki Semiconductor Co., Ltd.
Part # TSP01H17
Download  TSP01H17 Download
File Size   2463.8 Kbytes
Page   6 Pages
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.
Description 100V,168A N-Channel Trench Process Power MOSFETs

TSP01H17 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSP01H17 Datasheet PDF - Thinki Semiconductor Co., Ltd.

Part # TSP01H17
Download  TSP01H17 Click to download

File Size   2463.8 Kbytes
Page   6 Pages
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.
Description 100V,168A N-Channel Trench Process Power MOSFETs

TSP01H17 Datasheet (HTML) - Thinki Semiconductor Co., Ltd.




Similar Part No. - TSP01H17

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
TSP01H12 THINKISEMI-TSP01H12 Datasheet
1Mb / 5P
100V,118A N-Channel Trench Process Power MOSFETs
TSP01H12 THINKISEMI-TSP01H12 Datasheet
1Mb / 6P
100V,118A N-Channel Trench Process Power MOSFETs
TSP01H12 THINKISEMI-TSP01H12_V01 Datasheet
1Mb / 6P
100V,118A N-Channel Trench Process Power MOSFETs
TSP01H18 THINKISEMI-TSP01H18 Datasheet
2Mb / 6P
100V,180A N-Channel Shielded Gate Trench MOSFETs
More results


Similar Description - TSP01H17

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
TSP01H12 THINKISEMI-TSP01H12 Datasheet
1Mb / 5P
100V,118A N-Channel Trench Process Power MOSFETs
TSP8592 THINKISEMI-TSP8592 Datasheet
1Mb / 5P
85V,92A N-Channel Trench Process Power MOSFETs
TSP01H18 THINKISEMI-TSP01H18 Datasheet
2Mb / 6P
100V,180A N-Channel Shielded Gate Trench MOSFETs
EZ8590 THINKISEMI-EZ8590 Datasheet
1Mb / 5P
85V,92A N-Channel Trench Process Power MOSFETs
CS64N12 THINKISEMI-CS64N12 Datasheet
1Mb / 6P
85V,120A N-Channel Trench Process Power MOSFETs
TSP85H12 THINKISEMI-TSP85H12 Datasheet
2Mb / 6P
85V,120A N-Channel Trench Process Power MOSFETs
TSP01H12 THINKISEMI-TSP01H12_V01 Datasheet
1Mb / 6P
100V,118A N-Channel Trench Process Power MOSFETs
IRFB3607PBF THINKISEMI-IRFB3607PBF Datasheet
1Mb / 7P
ThinkiSemi 85V,92A N-Channel Trench Process Power MOSFETs
logo
Shindengen Electric Mfg...
P19LA10SL SHINDENGEN-P19LA10SL Datasheet
1Mb / 7P
Power MOSFETs 100V, 19A, N-channel
P168FP7R5SN SHINDENGEN-P168FP7R5SN Datasheet
1Mb / 7P
Power MOSFETs 75V, 168A, N-channel
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com