Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS93C56-3 Datasheet (PDF) - Integrated Silicon Solution, Inc

IS93C56-3 Datasheet PDF - Integrated Silicon Solution, Inc
Part # IS93C56-3
Download  IS93C56-3 Download
File Size   83.52 Kbytes
Page   10 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 2,048-BIT SERIAL ELECTRICALLY ERASABLE PROM

IS93C56-3 Datasheet (PDF)

Go To PDF Page Download Datasheet
IS93C56-3 Datasheet PDF - Integrated Silicon Solution, Inc

Part # IS93C56-3
Download  IS93C56-3 Click to download

File Size   83.52 Kbytes
Page   10 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 2,048-BIT SERIAL ELECTRICALLY ERASABLE PROM

IS93C56-3 Datasheet (HTML) - Integrated Silicon Solution, Inc


IS93C56-3 Product details

OVERVIEW
The IS93C56-3 is a low cost 2,048-bit, non-volatile, serial E2PROM. It is fabricated using ISSI’s advanced CMOS E2PROM technology. The IS93C56-3 provides efficient non-volatile read/write memory arranged as 128 registers of 16 bits each. Seven 11-bit instructions control the operation of the device, which includes read, write, and mode enable functions. The data out pin (DOUT) indicates the status of the device during in the self-timed nonvolatile programming cycle.

FEATURES
• State-of-the-art architecture
    — Non-volatile data storage
    — Low voltage operation: 3.0V (Vcc = 2.7V to 6.0V)
    — Full TTL compatible inputs and outputs
    — Auto increment for efficient data dump
• Low voltage read operation
    — Down to 2.7V
• Hardware and software write protection
    — Defaults to write-disabled state at power-up
    — Software instructions for write-enable/disable
• Advanced low voltage CMOS E2PROM technology
• Versatile, easy-to-use Interface
    — Self-timed programming cycle
    — Automatic erase-before-write
    — Programming status indicator
    — Word and chip erasable
    — Stop SK anytime for power savings
• Durable and reliable
    — 10-year data retention after 100K write cycles
    — 100,000 write cycles
    — Unlimited read cycles




Similar Part No. - IS93C56-3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS93C56A ISSI-IS93C56A Datasheet
131Kb / 16P
2K-BIT/4K-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C56A-2GRI ISSI-IS93C56A-2GRI Datasheet
131Kb / 16P
2K-BIT/4K-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C56A-2GRLI ISSI-IS93C56A-2GRLI Datasheet
131Kb / 16P
2K-BIT/4K-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C56A-2PI ISSI-IS93C56A-2PI Datasheet
131Kb / 16P
2K-BIT/4K-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C56A-2PLI ISSI-IS93C56A-2PLI Datasheet
131Kb / 16P
2K-BIT/4K-BIT SERIAL ELECTRICALLY ERASABLE PROM
More results


Similar Description - IS93C56-3

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93LC56 ROHM-BR93LC56 Datasheet
127Kb / 12P
2,048-Bit Serial Electrically Erasable PROM
BR93LC66 ROHM-BR93LC66 Datasheet
128Kb / 12P
4,096-Bit Serial Electrically Erasable PROM
BR93LL46F ROHM-BR93LL46F Datasheet
113Kb / 11P
1,024-Bit Serial Electrically Erasable PROM
logo
Samsung semiconductor
KM93C46 SAMSUNG-KM93C46 Datasheet
190Kb / 6P
1K BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
List of Unclassifed Man...
XL9020 ETC-XL9020 Datasheet
156Kb / 12P
2,048-Bit Serial Electrically Erasable PROM 2.7 to 5.5 Volt Operation
logo
Integrated Silicon Solu...
IS93C46-3 ISSI-IS93C46-3 Datasheet
83Kb / 10P
1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS24C16 ISSI-IS24C16 Datasheet
76Kb / 10P
16,384-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C66-3 ISSI-IS93C66-3 Datasheet
83Kb / 10P
4,096-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC46 ROHM-BR93LC46 Datasheet
133Kb / 12P
1,024-Bit Serial Electrically Erasable PROM
More results




About Integrated Silicon Solution, Inc


Integrated Silicon Solution, Inc. (ISSI) is a fabless semiconductor company that designs and markets high-performance integrated circuits (ICs) for the automotive, industrial, medical, and communications markets. The company was founded in 1988 and is headquartered in Milpitas, California, USA.

ISSI's product portfolio includes static random access memory (SRAM), dynamic random access memory (DRAM), and analog and mixed-signal ICs. The company specializes in low-power, high-speed SRAMs, and is a leading supplier of DRAMs to the automotive market.

In 2015, ISSI was acquired by China's Uphill Investment Co., Ltd. and became a wholly-owned subsidiary of Uphill Investment.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com