|
PRODUCT OVERVIEW The ADS-926 is a high-performance, 14-bit, 500kHz sampling A/D converter. This device accurately samples full-scale input signals up to Nyquist frequencies with no missing codes and exhibits outstanding dynamic performance that surpasses most 16-bit, 500kHz sampling A/Ds. THD and SNR, for example, are typically –90dB and 80dB when converting fullscale input signals up to 100kHz. FEATURES ■ 14-bit resolution ■ 500kHz sampling rate ■ Functionally complete; No missing codes ■ Small 24-pin DDIP or SMT package ■ Operates from ±15V or ±12V supplies +5V supply ■ Low power, 1.75 Watts maximum ■ Samples up to Nyquist frequencies ■ Outstanding dynamic performance ■ Bipolar ±5V input range (for unipolar 0 to 10V input range see ADS-916) ■ For two’s complement output coding, please order ADS-926-2 models
|