Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS-943MC Datasheet (PDF) - DATEL, Inc.

ADS-943MC Datasheet PDF - DATEL, Inc.
Part # ADS-943MC
Download  ADS-943MC Download
File Size   105.75 Kbytes
Page   1 Pages
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.
Description Sampling A/D Converters

ADS-943MC Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS-943MC Datasheet PDF - DATEL, Inc.

Part # ADS-943MC
Download  ADS-943MC Click to download

File Size   105.75 Kbytes
Page   1 Pages
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.
Description Sampling A/D Converters

ADS-943MC Datasheet (HTML) - DATEL, Inc.


ADS-943MC Product details

GENERAL DESCRIPTION
The low-cost ADS-943 is a 14-bit, 3MHz sampling A/D converter optimized to meet the demanding dynamic-range and sampling-rate requirements of contemporary digital telecommunications applications. The ADS-943s outstanding dynamic performance is evidenced by a peak harmonic specification of –83dB and a signal-to-noise ratio (SNR) of 79dB. Additionally, the ADS-943 easily achieves the 2.2MHz minimum sampling rate required by digital receivers in certain ADSL, HDSL and ATM applications. The ADS-943 also addresses size and power constraints normally associated with these types of applications. This device requires just ±5V supplies, dissipates 1.7 Watts, and is packaged in a very small 24-pin DDIP.

FEATURES
• 14-bit resolution
• 3MHz minimum sampling rate
• Ideal for both frequency and time-domain applications
• Excellent peak harmonics, –83dB
• Excellent signal-to-noise ratio, 79dB
• No missing codes over full military temperature range
• ±5V supplies, 1.7 Watts
• Small, 24-pin ceramic DDIP or SMT
• Low cost




Similar Part No. - ADS-943MC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-943MC ETC-ADS-943MC Datasheet
166Kb / 8P
14-Bit, 3MHz, Low-Distortion Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-943MC MURATA-PS-ADS-943MC Datasheet
168Kb / 8P
14-Bit, 3MHz, Low-Distortion Sampling A/D Converters
logo
DATEL, Inc.
ADS-943MC-C DATEL-ADS-943MC-C Datasheet
105Kb / 1P
Sampling A/D Converters
More results


Similar Description - ADS-943MC

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
ADS-112MM DATEL-ADS-112MM Datasheet
106Kb / 1P
Sampling A/D Converters
ADS-118AME DATEL-ADS-118AME Datasheet
106Kb / 1P
Sampling A/D Converters
ADS-118AMM DATEL-ADS-118AMM Datasheet
106Kb / 1P
Sampling A/D Converters
ADS-118-C883 DATEL-ADS-118-C883 Datasheet
105Kb / 1P
Sampling A/D Converters
ADS-119G-C883 DATEL-ADS-119G-C883 Datasheet
106Kb / 1P
Sampling A/D Converters
ADS-119GC-C DATEL-ADS-119GC-C Datasheet
105Kb / 1P
Sampling A/D Converters
ADS-119GE DATEL-ADS-119GE Datasheet
105Kb / 1P
Sampling A/D Converters
ADS-119MC-C DATEL-ADS-119MC-C Datasheet
106Kb / 1P
Sampling A/D Converters
ADS-119ME-C DATEL-ADS-119ME-C Datasheet
106Kb / 1P
Sampling A/D Converters
ADS-916GE DATEL-ADS-916GE Datasheet
106Kb / 1P
Sampling A/D Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com