|
GENERAL DESCRIPTION The low-cost ADS-944 is a high-performance, 14-bit, 5MHz sampling A/D converter. This device accurately samples full-scale input signals up to Nyquist frequencies with no missing codes. The dynamic performance of the ADS-944 has been optimized to achieve a THD of –77dB and a SNR of 76dB. FEATURES • 14-bit resolution • 5MHz minimum sampling rate • No missing codes over full military temperature range • Edge-triggered, no pipeline delay • Low power, 2.95 Watts • Small, 32-pin, ceramic TDIP package • SMT package available • Excellent dynamic performance • MIL-STD-883 screening or DESC SMD available
|