Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS-946MM Datasheet (PDF) - DATEL, Inc.

ADS-946MM Datasheet PDF - DATEL, Inc.
Part # ADS-946MM
Download  ADS-946MM Download
File Size   105.71 Kbytes
Page   1 Pages
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.
Description Sampling A/D Converters

ADS-946MM Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS-946MM Datasheet PDF - DATEL, Inc.

Part # ADS-946MM
Download  ADS-946MM Click to download

File Size   105.71 Kbytes
Page   1 Pages
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.
Description Sampling A/D Converters

ADS-946MM Datasheet (HTML) - DATEL, Inc.


ADS-946MM Product details

GENERAL DESCRIPTION

The low-cost ADS-946 is a 14-bit, 8MHz sampling A/D converter. This device accurately samples full-scale input signals up to Nyquist frequencies with no missing codes. Excellent differential nonlinearity error (DNL), signal-to-noise ratio (SNR), and total harmonic distortion (THD) make the ADS-946 the ideal choice for both time-domain (CCD/FPA imaging, scanners, process control) and frequency-domain (radar, telecommunications, spectrum analysis) applications.



FEATURES

• 14-bit resolution

• 8MHz guaranteed sampling rate

• No missing codes over full military temperature range

• Ideal for both time and frequency-domain applications

• Excellent THD (–75dB) and SNR (77dB)

• Edge-triggered; No pipeline delays

• Small, 24-pin, ceramic DDIP or SMT

• Requires only ±5V supplies

• Low-power, 2 Watts

• MIL-STD-883 screening optional




Similar Part No. - ADS-946MM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-946MM ETC-ADS-946MM Datasheet
136Kb / 8P
ADS-946 14-Bit, 8MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-946MM MURATA-PS-ADS-946MM Datasheet
138Kb / 8P
14-Bit, 8MHz Sampling A/D Converters
logo
DATEL, Inc.
ADS-946MM-C DATEL-ADS-946MM-C Datasheet
105Kb / 1P
Sampling A/D Converters
ADS-946MM-QL-C DATEL-ADS-946MM-QL-C Datasheet
106Kb / 1P
Sampling A/D Converters
More results


Similar Description - ADS-946MM

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
ADS-112MM DATEL-ADS-112MM Datasheet
106Kb / 1P
Sampling A/D Converters
ADS-118AME DATEL-ADS-118AME Datasheet
106Kb / 1P
Sampling A/D Converters
ADS-118AMM DATEL-ADS-118AMM Datasheet
106Kb / 1P
Sampling A/D Converters
ADS-118-C883 DATEL-ADS-118-C883 Datasheet
105Kb / 1P
Sampling A/D Converters
ADS-119G-C883 DATEL-ADS-119G-C883 Datasheet
106Kb / 1P
Sampling A/D Converters
ADS-119GC-C DATEL-ADS-119GC-C Datasheet
105Kb / 1P
Sampling A/D Converters
ADS-119GE DATEL-ADS-119GE Datasheet
105Kb / 1P
Sampling A/D Converters
ADS-119MC-C DATEL-ADS-119MC-C Datasheet
106Kb / 1P
Sampling A/D Converters
ADS-119ME-C DATEL-ADS-119ME-C Datasheet
106Kb / 1P
Sampling A/D Converters
ADS-916GE DATEL-ADS-916GE Datasheet
106Kb / 1P
Sampling A/D Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com