|
PRODUCT OVERVIEW The ADS-951 is an 18-bit, 1MHz sampling A/D converter. This device provides low noise performance and dynamic specifi cations up to 100 kHz with no missing codes. This, combined with excellent signal-to-noise ratio (SNR) and total harmonic distortion (THD), makes the ADS-951 the ideal choice for both time-domain (medical imaging, scanners, process control) and frequency-domain (radar, telecommunications, spectrum analysis) applications. FEATURES ■ 18-bit resolution ■ 1MHz minimum sampling rate ■ No missing codes over full HI-REL temperature range ■ Very low power, 390mW ■ Small, 32-pin, SMT or side-brazed, ceramic package ■ Edge-triggered, no pipeline delays ■ Excellent performance ■ Ideal for both time and frequency-domain applications ■ Low cost
|