Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1617 Datasheet (PDF) - ON Semiconductor

MAX1617 Datasheet PDF - ON Semiconductor
Part # MAX1617
Download  MAX1617 Download
File Size   176.92 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description SMBus Temperature Sensor with Internal and External Diode Input

MAX1617 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1617 Datasheet PDF - ON Semiconductor

Part # MAX1617
Download  MAX1617 Click to download

File Size   176.92 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description SMBus Temperature Sensor with Internal and External Diode Input

MAX1617 Datasheet (HTML) - ON Semiconductor


MAX1617 Product details

The MAX1617 is a serially programmable temperature sensor optimized for monitoring modern high performance CPUs with on–board, integrated temperature sensing diodes. Temperature data is converted from the CPU’s diode outputs and made available as an 8–bit digital word.

Features
• Includes Internal and External Sensing Capability
• Outputs Temperature As 8–Bit Digital Word
• Solid State Temperature Sensing; 1°C Resolution
• 3.0–5.5 V Operating Range
• Independent Internal and External Threshold Set–Points With
   ALERT Interrupt Output
• SMBus 2–Wire Serial Interface
• Up To 9 MAX1617s May Share the Same Bus
• Low Standby Power Mode
• Low Power: 70 µA (max) Operating, 10 µA (max) Standby Mode
• 16–Pin Plastic QSOP Package
• Operating Temperature Range: –55°C to +125°C

Typical Applications
• Thermal Protection For Intel “Deschutes” Pentium II and Other
   High Performance CPUs with Integrated On–Board Diode - No
   Sensor Mounting Problems!
• Accurate Temperature Sensing From Any Silicon Junction Diode
• Thermal Management in Electronic Systems: Computers, Network
   Equipment, Power Supplies




Similar Part No. - MAX1617

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1617 MAXIM-MAX1617 Datasheet
226Kb / 20P
Remote/Local Temperature Sensor with SMBus Serial Interface
19-1265; Rev 1; 3/98
logo
Analog Devices
MAX16170 AD-MAX16170 Datasheet
1Mb / 27P
High-Voltage Ideal Diode Controller with Integrated CSA
Rev 0; 1/24
MAX16170ATP/VY+T AD-MAX16170ATP/VY+T Datasheet
1Mb / 27P
High-Voltage Ideal Diode Controller with Integrated CSA
Rev 0; 1/24
logo
Maxim Integrated Produc...
MAX16171EVKIT MAXIM-MAX16171EVKIT Datasheet
352Kb / 7P
4V to 57V Operating Voltage Range
Rev 0; 10/20
MAX16171EVKIT# MAXIM-MAX16171EVKIT# Datasheet
352Kb / 7P
4V to 57V Operating Voltage Range
Rev 0; 10/20
More results


Similar Description - MAX1617

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1066 ONSEMI-MC1066 Datasheet
196Kb / 16P
ACPI-Compliant SMBus Temperature Sensor with Internal and External Diode Input
February, 2000 ??Rev. 0
logo
Microchip Technology
TCM1617 MICROCHIP-TCM1617 Datasheet
74Kb / 14P
SMBus Thermal Sensor with External Diode Input
2001
logo
National Semiconductor ...
LM95235 NSC-LM95235 Datasheet
797Kb / 25P
Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95234 NSC-LM95234 Datasheet
508Kb / 5P
Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95214 NSC-LM95214 Datasheet
794Kb / 38P
Quad Remote Diode and Local Temperature Sensor with SMBus Interface
LM95235 NSC-LM95235_08 Datasheet
553Kb / 28P
Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
Texas Instruments
LM95214 TI-LM95214_15 Datasheet
1Mb / 44P
Quad Remote Diode and Local Temperature Sensor with SMBus Interface
LM95233 TI-LM95233_15 Datasheet
1Mb / 44P
Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95234 TI-LM95234_15 Datasheet
1Mb / 44P
Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95235 TI-LM95235_15 Datasheet
1,007Kb / 36P
Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com