Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3213 Datasheet (PDF) - Littelfuse

SP3213 Datasheet PDF - Littelfuse
Part # SP3213
Download  SP3213 Download
File Size   1403.36 Kbytes
Page   6 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description SP3213 0.09pF 12kV Bidirectional Discrete TVS

SP3213 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP3213 Datasheet PDF - Littelfuse

Part # SP3213
Download  SP3213 Click to download

File Size   1403.36 Kbytes
Page   6 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description SP3213 0.09pF 12kV Bidirectional Discrete TVS

SP3213 Datasheet (HTML) - Littelfuse




Similar Part No. - SP3213

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP32 ETC2-SP32 Datasheet
178Kb / 3P
Heat Shrink
logo
Multicomp Pro
SP32/1.2/BLACK MULTICOMP-SP32/1.2/BLACK Datasheet
191Kb / 3P
Heat Shrinks
19/03/21 V1.0
logo
Pro-Power
SP32/1.2/BLACK PROPOWER-SP32/1.2/BLACK Datasheet
185Kb / 8P
SP Series Heat Shrink Tubing
18/04/06 V1.0
logo
Multicomp Pro
SP32/1.2/BLUE MULTICOMP-SP32/1.2/BLUE Datasheet
191Kb / 3P
Heat Shrinks
19/03/21 V1.0
logo
Pro-Power
SP32/1.2/BLUE PROPOWER-SP32/1.2/BLUE Datasheet
185Kb / 8P
SP Series Heat Shrink Tubing
18/04/06 V1.0
More results


Similar Description - SP3213

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP1014 LITTELFUSE-SP1014 Datasheet
2Mb / 4P
SP1014 Series 6pF 12kV Bidirectional Discrete TVS
SP3118 LITTELFUSE-SP3118 Datasheet
2Mb / 5P
0.3pF 10KV Bidirectional Discrete TVS
SD-C LITTELFUSE-SD-C Datasheet
1,012Kb / 7P
450W Discrete Bidirectional TVS Diode
SP1005 LITTELFUSE-SP1005_17 Datasheet
915Kb / 5P
30pF 30kV Bidirectional Discrete TVS
SP1009 LITTELFUSE-SP1009 Datasheet
656Kb / 4P
30pF 30kV Bidirectional Discrete TVS
SPHV-C LITTELFUSE-SPHV-C Datasheet
997Kb / 6P
200W Discrete Bidirectional TVS Diode
SPXX LITTELFUSE-SPXX Datasheet
1,014Kb / 6P
100W Discrete Bidirectional TVS Diode
SP1021 LITTELFUSE-SP1021 Datasheet
986Kb / 4P
SP1021 Series 6pF 12kV Bidirectional Discrete TVS
SP3208 LITTELFUSE-SP3208 Datasheet
1Mb / 6P
SP3208 0.08pF 12kV Bidirectional Discrete TVS
SP1103C LITTELFUSE-SP1103C Datasheet
704Kb / 5P
80A Discrete Bidirectional TVS Diode
2022 Littelfuse, Inc.
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com