Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE2244B Datasheet (PDF) - List of Unclassifed Manufacturers

PE2244B Datasheet PDF - List of Unclassifed Manufacturers
Part # PE2244B
Download  PE2244B Download
File Size   41.62 Kbytes
Page   1 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 10 Pad Leadless Surface Mount Clock Oscillator,see PE1145B for 6Pad

PE2244B Datasheet (PDF)

Go To PDF Page Download Datasheet
PE2244B Datasheet PDF - List of Unclassifed Manufacturers

Part # PE2244B
Download  PE2244B Click to download

File Size   41.62 Kbytes
Page   1 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 10 Pad Leadless Surface Mount Clock Oscillator,see PE1145B for 6Pad

PE2244B Datasheet (HTML) - List of Unclassifed Manufacturers


PE2244B Product details

[Pletronics, Inc.]

PE2245B PECL Series

● 10 Pad Leadless Surface Mount Clock Oscillator, see PE1145B for 6 Pad
● Differential PECL Output with or without Enable/ Disable Function
● All Connor-Winfield EE94-5XX Pinouts Available




Similar Part No. - PE2244B

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2240-30 PASTERNACK-PE2240-30 Datasheet
361Kb / 3P
Directional 30 dB N Coupler From 500 MHz to 2 GHz Rated to 600 Watts
PE2241-10 PASTERNACK-PE2241-10 Datasheet
249Kb / 3P
Directional 10 dB SMA Coupler From 800 MHz to 2.5 GHz Rated To 50 Watts
PE2241-20 PASTERNACK-PE2241-20 Datasheet
248Kb / 3P
Directional 20 dB SMA Coupler From 800 MHz to 2.5 GHz Rated To 50 Watts
PE2242-06 PASTERNACK-PE2242-06 Datasheet
319Kb / 2P
Directional 6 dB SMA Coupler From 500 MHz to 3 GHz Rated To 50 Watts
PE2242-10 PASTERNACK-PE2242-10 Datasheet
319Kb / 2P
Directional 10 dB SMA Coupler From 500 MHz to 3 GHz Rated To 50 Watts
More results


Similar Description - PE2244B

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
EML3213 CONNOR-WINFIELD-EML3213 Datasheet
208Kb / 2P
LEADLESS SURFACE MOUNT 3.3V PECL CLOCK
EML3313 CONNOR-WINFIELD-EML3313 Datasheet
208Kb / 2P
LEADLESS SURFACE MOUNT 3.3V PECL CLOCK
MSD611 CONNOR-WINFIELD-MSD611 Datasheet
210Kb / 2P
LEADLESS SURFACE MOUNT HCMOS CLOCK OSCILLATOR
MSD621 CONNOR-WINFIELD-MSD621 Datasheet
203Kb / 2P
LEADLESS SURFACE MOUNT HCMOS CLOCK OSCILLATOR
MSD631 CONNOR-WINFIELD-MSD631 Datasheet
203Kb / 2P
LEADLESS SURFACE MOUNT HCMOS CLOCK OSCILLATOR
MSD641 CONNOR-WINFIELD-MSD641 Datasheet
210Kb / 2P
LEADLESS SURFACE MOUNT HCMOS CLOCK OSCILLATOR
logo
Pletronics, Inc.
LV1145BV PLETRONICS-LV1145BV Datasheet
83Kb / 5P
6 Pad Leadless Surface Mount Oscillator
logo
All Sensors Corporation
CFFS ASC-CFFS Datasheet
275Kb / 1P
For suggested pad layout, see drawing: PAD-01
EGBD ASC-EGBD Datasheet
42Kb / 1P
For suggested pad layout, see drawing: PAD-01
P1NR ASC-P1NR Datasheet
228Kb / 1P
For suggested pad layout, see drawing: PAD-01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com