Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100LVEL40 Datasheet (PDF) - ON Semiconductor

MC100LVEL40 Datasheet PDF - ON Semiconductor
Part # MC100LVEL40
Download  MC100LVEL40 Download
File Size   72.39 Kbytes
Page   3 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Phase-Frequency Detector

MC100LVEL40 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC100LVEL40 Datasheet PDF - ON Semiconductor

Part # MC100LVEL40
Download  MC100LVEL40 Click to download

File Size   72.39 Kbytes
Page   3 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Phase-Frequency Detector

MC100LVEL40 Datasheet (HTML) - ON Semiconductor


MC100LVEL40 Product details

Description
The MC100LVEL40 is a three state phase frequency−detector intended for phase−locked loop applications which require a minimum amount of phase and frequency difference at lock. Advanced design significantly reduces the dead zone of the detector. For proper operation, the input edge rate of the R and V inputs should be less than 5 ns. The device is designed to work with a 3.3 V power supply.

Features
• 250 MHz Typical Bandwidth
• PECL Mode Operating Range: VCC = 3.0 V to 5.5 V with VEE = 0 V
• NECL Mode Operating Range: VCC = 0 V with VEE = −3.0 V to −5.5 V
• Internal Input Pulldown Resistor
• Pb−Free Packages are Available*




Similar Part No. - MC100LVEL40

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL40 ONSEMI-MC100LVEL40 Datasheet
114Kb / 6P
3.3/5V ECL Differential Phase?묯requency Detector
November, 2006 ??Rev. 8
MC100LVEL40 ONSEMI-MC100LVEL40 Datasheet
108Kb / 6P
3.3/5VECL Differential Phase?묯requency Detector
November, 2006 ??Rev. 8
MC100LVEL40DW ONSEMI-MC100LVEL40DW Datasheet
108Kb / 6P
3.3/5VECL Differential Phase?묯requency Detector
November, 2006 ??Rev. 8
MC100LVEL40 ONSEMI-MC100LVEL40_06 Datasheet
114Kb / 6P
3.3/5V ECL Differential Phase?묯requency Detector
November, 2006 ??Rev. 8
More results


Similar Description - MC100LVEL40

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCH12140 MOTOROLA-MCH12140 Datasheet
71Kb / 4P
PHASE-FREQUENCY DETECTOR
logo
Agere Systems
LUCDA4044 AGERE-LUCDA4044 Datasheet
210Kb / 6P
Phase Frequency Detector
August 1998
logo
LANSDALE Semiconductor ...
ML12040 LANSDALE-ML12040 Datasheet
86Kb / 1P
PHASE FREQUENCY DETECTOR
logo
Motorola, Inc
MC4344 MOTOROLA-MC4344 Datasheet
1Mb / 18P
PHASE-FREQUENCY DETECTOR
logo
ON Semiconductor
MCK1214 ONSEMI-MCK1214 Datasheet
49Kb / 4P
Phase-Frequency Detector
April, 2004 ??Rev. 7
logo
Motorola, Inc
MC12040 MOTOROLA-MC12040 Datasheet
68Kb / 5P
Phase-Frequency Detector
logo
ON Semiconductor
MCH12140 ONSEMI-MCH12140_06 Datasheet
130Kb / 5P
Phase-Frequency Detector
July, 2006 ??Rev. 9
logo
LANSDALE Semiconductor ...
ML4344 LANSDALE-ML4344 Datasheet
6Mb / 5P
Phase Frequency Detector
ML12040 LANSDALE-ML12040_05 Datasheet
2Mb / 5P
Phase-Frequency Detector
ML4044 LANSDALE-ML4044_08 Datasheet
7Mb / 5P
Phase Frequency Detector
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com