Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10104 Datasheet (PDF) - ON Semiconductor

MC10104 Datasheet PDF - ON Semiconductor
Part # MC10104
Download  MC10104 Download
File Size   102.61 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Quad 2-Input AND Gate

MC10104 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC10104 Datasheet PDF - ON Semiconductor

Part # MC10104
Download  MC10104 Click to download

File Size   102.61 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Quad 2-Input AND Gate

MC10104 Datasheet (HTML) - ON Semiconductor


MC10104 Product details

Description

The MC10H104 is a quad 2−input AND gate. One of the gates has both AND/NAND outputs available. This MECL 10H™part is a functional/pinout duplication of the standard MECL 10K™family

part, with 100% improvement in propagation delay, and no increase in power−supply current.



Features

•Propagation Delay, 1.0 ns Typical

•Power Dissipation 25 mW/Gate (same as MECL 10K)

•Improved Noise Margin 150 mV (Over Operating Voltage and Temperature Range)

•Voltage Compensated

•MECL 10K Compatible

•Pb−Free Packages are Available*




Similar Part No. - MC10104

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10104 ONSEMI-MC10104 Datasheet
108Kb / 8P
Quad 2-Input AND Gate
January, 2002 ??Rev. 7
MC10104FN ONSEMI-MC10104FN Datasheet
108Kb / 8P
Quad 2-Input AND Gate
January, 2002 ??Rev. 7
MC10104L ONSEMI-MC10104L Datasheet
108Kb / 8P
Quad 2-Input AND Gate
January, 2002 ??Rev. 7
MC10104P ONSEMI-MC10104P Datasheet
108Kb / 8P
Quad 2-Input AND Gate
January, 2002 ??Rev. 7
MC10104 ONSEMI-MC10104_02 Datasheet
108Kb / 8P
Quad 2-Input AND Gate
January, 2002 ??Rev. 7
More results


Similar Description - MC10104

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS09 MOTOROLA-SN54LS09 Datasheet
44Kb / 2P
QUAD 2-INPUT AND GATE
logo
National Semiconductor ...
54F08DM NSC-54F08DM Datasheet
108Kb / 8P
Quad 2-Input AND Gate
logo
ON Semiconductor
MC74VHCT08A ONSEMI-MC74VHCT08A Datasheet
143Kb / 8P
Quad 2-Input AND Gate
1999 REV 0
logo
STMicroelectronics
M54HCT08 STMICROELECTRONICS-M54HCT08 Datasheet
231Kb / 9P
QUAD 2-INPUT AND GATE
Feb-1993
M74HC08 STMICROELECTRONICS-M74HC08 Datasheet
171Kb / 8P
QUAD 2-INPUT AND GATE
Jul-2001
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
QUAD 2-INPUT AND GATE
logo
Rohm
BU4081B ROHM-BU4081B Datasheet
50Kb / 4P
Quad 2-input AND gate
logo
Fairchild Semiconductor
74F08 FAIRCHILD-74F08_00 Datasheet
64Kb / 5P
Quad 2-Input AND Gate
logo
STMicroelectronics
74VHCT08A STMICROELECTRONICS-74VHCT08A_04 Datasheet
217Kb / 11P
QUAD 2-INPUT AND GATE
16-Dec-2004
logo
IK Semicon Co., Ltd
IN74VHCT08 IKSEMICON-IN74VHCT08 Datasheet
254Kb / 6P
Quad 2-Input AND Gate
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com