Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC1945 Datasheet (PDF) - NEC

UPC1945 Datasheet PDF - NEC
Part # UPC1945
Download  UPC1945 Download
File Size   72.01 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description ADJUSTABLE PRECISION SHUNT REGULATORS

UPC1945 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC1945 Datasheet PDF - NEC

Part # UPC1945
Download  UPC1945 Click to download

File Size   72.01 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description ADJUSTABLE PRECISION SHUNT REGULATORS

UPC1945 Datasheet (HTML) - NEC


UPC1945 Product details

DESCRIPTION

The µPC1945 is an adjustable-shunt regulator featuring a high-precision internal reference voltage. The separate power supply pin (VCC pin) allows the cathode voltage to be dropped to as low as 0.4 V, making this product ideal for error amplifiers that use a low voltage (minimum 1.8 V) output switching regulator.

Support for high-density mounting is also provided through the use of a 5-pin plastic mini-mold package.



FEATURES

• Separate cathode and power supply pins

• Suitable for low voltage (minimum 1.8 V) output switching regulator

   Cathode voltage range: 0.4 V to 5 V

   Power supply voltage range: VREF to 5 V

   Reference voltage: 1.26 V

• 5-pin plastic mini-mold package

   Mold dimensions: 2.9 mm(L)×1.5 mm(W)×1.1 mm(H)



 




Similar Part No. - UPC1945

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC1945 RENESAS-UPC1945 Datasheet
296Kb / 14P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
UPC1945TA RENESAS-UPC1945TA Datasheet
296Kb / 14P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
UPC1945TA-E1 RENESAS-UPC1945TA-E1 Datasheet
296Kb / 14P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
UPC1945TA-E2 RENESAS-UPC1945TA-E2 Datasheet
296Kb / 14P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
More results


Similar Description - UPC1945

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
Adjustable precision shunt regulators
1997 Feb 25
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
Adjustable Precision Shunt Regulators
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
Adjustable Precision Shunt Regulators
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
ADJUSTABLE PRECISION SHUNT REGULATORS
Rev 3
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
ADJUSTABLE PRECISION SHUNT REGULATORS
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com