Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA5645T Datasheet (PDF) - Sanyo Semicon Device

LA5645T Datasheet PDF - Sanyo Semicon Device
Part # LA5645T
Download  LA5645T Download
File Size   40.61 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description LA5645T

LA5645T Datasheet (PDF)

Go To PDF Page Download Datasheet
LA5645T Datasheet PDF - Sanyo Semicon Device

Part # LA5645T
Download  LA5645T Click to download

File Size   40.61 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description LA5645T

LA5645T Datasheet (HTML) - Sanyo Semicon Device


LA5645T Product details

Overview
The LA5645T is a constant-voltage/constant-current control IC that incorporates low-voltage operational amplifiers and a high-precision reference voltage circuit (VREF = 1.5 V ±1.0%). This device is optimal for use as a secondary side controller in battery chargers, switching regulators, and similar products.

Features
• Operating supply voltage: 2.5 to 14 V
• High-precision reference voltage: 1.5 V ±1.0%
• PC pin current: 60 mA (max)
• Current drain: 3 mA (max)
• Input offset voltage: 2 mV (max)




Similar Part No. - LA5645T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA5640N SANYO-LA5640N Datasheet
50Kb / 2P
VOLTAGE REGULATOR FOR LCD
LA5643 SANYO-LA5643 Datasheet
287Kb / 6P
LA5643
LA5647H SANYO-LA5647H Datasheet
150Kb / 12P
Monolithic Linear IC For Car AV Equipment Multifunction Multi-Voltage Power Supply
More results






About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com