Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD168117A Datasheet (PDF) - NEC

UPD168117A Datasheet PDF - NEC
Part # UPD168117A
Download  UPD168117A Download
File Size   275.25 Kbytes
Page   24 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 7-CHANNEL H-BRIDGE DRIVER WITH A MICRO STEP FUNCTION SUPPORTING PULSE INPUT

UPD168117A Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD168117A Datasheet PDF - NEC

Part # UPD168117A
Download  UPD168117A Click to download

File Size   275.25 Kbytes
Page   24 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 7-CHANNEL H-BRIDGE DRIVER WITH A MICRO STEP FUNCTION SUPPORTING PULSE INPUT

UPD168117A Datasheet (HTML) - NEC


UPD168117A Product details

DESCRIPTION
The µ PD168117A is a 7-channel H-bridge driver with a micro step function supporting pulse input that consists of a CMOS control circuit and a MOS output stage. It can reduce the current consumption and the voltage loss at the output stage compared with a conventional driver using bipolar transistors, thanks to employment of a MOS process. Moreover, at the µ PD168117A, micro step control of 128 divisions can perform stepping motor drive by the pulse input, and motor can be driven by low noise and low vibration.
The package is a 64-pin FLGA that helps reduce the mounting area and height.
The µ PD168117A can be used to drive two stepping motors, or two DC motors and one coil.

FEATURES
• Seven H-bridge circuits employing power MOS FET
• Low-voltage driving
    VDD = 2.7 to 3.6 V
    VM = 2.7 to 5.5 V
• Output on-state resistance:
    1.0 Ω TYP., 1.5 Ω MAX. (sum of top and bottom stage, ch1 to ch4, and ch7)
    1.5 Ω TYP., 2.0 Ω MAX. (sum of top and bottom stage, ch5 and ch6)
• PWM output (ch1 to ch6), linear output (ch7)
• Output current
    <ch1 to ch6>
        DC current: 0.4 A/ch (when each channel is used independently)
        Peak current: 0.7 A/ch (when each channel is used independently)
    <ch7>
        DC current: 0.5 A/ch (when used independently)
        Peak current: 0.7 A/ch (when used independently)
• Input logic frequency: 150 kHz supported
• Under-voltage lockout circuit
    Shuts down the internal circuit at VDD = 1.7 V TYP.
• Overheat protection circuit
    Operates at 150°C or more and shuts down internal circuitry.
• Mounted on 64-pin FLGA (□6 mm, 0.65 mm pitch)




Similar Part No. - UPD168117A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD168117A RENESAS-UPD168117A Datasheet
383Kb / 26P
MOS INTEGRATED CIRCUIT
2005
UPD168117AFC-BA2-E1-A RENESAS-UPD168117AFC-BA2-E1-A Datasheet
383Kb / 26P
MOS INTEGRATED CIRCUIT
2005
More results


Similar Description - UPD168117A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD168116A NEC-UPD168116A Datasheet
256Kb / 26P
7-CHANNEL H-BRIDGE DRIVER WITH A MICRO STEP FUNCTION SUPPORTING PULSE INPUT
UPD168117 NEC-UPD168117 Datasheet
283Kb / 24P
7-CHANNEL H-BRIDGE DRIVER WITH A MICRO STEP FUNCTION SUPPORTING PULSE INPUT
logo
New Japan Radio
NJU7385 NJRC-NJU7385 Datasheet
169Kb / 13P
Dual H-bridge Driver for actuator Input Control Mode Select Function
logo
Sanyo Semicon Device
LB1973M SANYO-LB1973M_11 Datasheet
338Kb / 5P
Two-channel H-Bridge Driver
logo
Vishay Siliconix
SIP42104 VISHAY-SIP42104 Datasheet
522Kb / 11P
H-Bridge Driver and Pulse Width Controller for Digital Camera Micro Modules
04-Feb-08
logo
ON Semiconductor
LB1973JA-AH ONSEMI-LB1973JA-AH Datasheet
173Kb / 5P
Two-channel H-Bridge Driver
June, 2013
LV8414CS ONSEMI-LV8414CS Datasheet
357Kb / 37P
Quad H-Bridge Micro Step Motor Driver
March 2015 - Rev. 3
logo
Shenzhen Huazhimei Semi...
HM116A HMSEMI-HM116A Datasheet
936Kb / 5P
Single channel H-bridge driver
HM117 HMSEMI-HM117 Datasheet
834Kb / 5P
Single channel H-bridge driver
logo
Vishay Siliconix
SIP42104 VISHAY-SIP42104_V01 Datasheet
615Kb / 11P
H-Bridge Driver and Pulse Width Controller for Digital Camera Micro Modules
04-Feb-08
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com