Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D45E60 Datasheet (PDF) - Infineon Technologies AG

D45E60 Datasheet PDF - Infineon Technologies AG
Part # D45E60
Download  D45E60 Download
File Size   198.28 Kbytes
Page   9 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Fast Switching EmCon Diode

D45E60 Datasheet (PDF)

Go To PDF Page Download Datasheet
D45E60 Datasheet PDF - Infineon Technologies AG

Part # D45E60
Download  D45E60 Click to download

File Size   198.28 Kbytes
Page   9 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Fast Switching EmCon Diode

D45E60 Datasheet (HTML) - Infineon Technologies AG


D45E60 Product details

VRRM    600V

IF      45A

VF      1.5V

Tjmax   175°C



• 600 V diode technology

• Fast recovery

• Soft switching

• Low reverse recovery charge

• Low forward voltage

• Easy paralleling

• Pb-free lead plating; RoHS compliant

• Halogen-free according to IEC61249-2-21

• Qualified according to JEDEC for target applications




Similar Part No. - D45E60

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
D45E60 INFINEON-D45E60 Datasheet
862Kb / 8P
Fast Switching Diode Product
Rev.2.4 2009-09-28
D45E60 INFINEON-D45E60 Datasheet
518Kb / 8P
Fast Switching Emitter Controlled Diode
2013-12-05 revision:2.5
More results


Similar Description - D45E60

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDB12E120 INFINEON-IDB12E120 Datasheet
198Kb / 9P
Fast Switching EmCon Diode
Rev.2 2003-07-31
IDB15E60 INFINEON-IDB15E60 Datasheet
197Kb / 9P
Fast Switching EmCon Diode
Rev.2 2003-07-31
IDD15E60 INFINEON-IDD15E60 Datasheet
187Kb / 8P
Fast Switching EmCon Diode
2001-12-05
IDP18E120 INFINEON-IDP18E120 Datasheet
199Kb / 9P
Fast Switching EmCon Diode
Rev.2 2003-07-31
IDD04E120 INFINEON-IDD04E120 Datasheet
253Kb / 8P
Fast Switching EmCon Diode
Rev.2.1 2005-02-24
IDB09E60 INFINEON-IDB09E60_07 Datasheet
208Kb / 8P
Fast Switching EmCon Diode
Rev.2.2 2007-09-01
IDB09E120 INFINEON-IDB09E120_07 Datasheet
238Kb / 8P
Fast Switching EmCon Diode
Rev.2.2 2007-09-01
IDB30E120 INFINEON-IDB30E120_07 Datasheet
214Kb / 8P
Fast Switching EmCon Diode
Rev.2.2 2007-09-01
IDD09E60 INFINEON-IDD09E60_07 Datasheet
673Kb / 8P
Fast Switching EmCon Diode
Rev.2.2 2007-04-24
IDD23E60 INFINEON-IDD23E60_07 Datasheet
743Kb / 8P
Fast Switching EmCon Diode
Rev.2.2 2007-04-24
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com