Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WT7527V Datasheet (PDF) - Weltrend Semiconductor

WT7527V Datasheet PDF - Weltrend Semiconductor
Part # WT7527V
Download  WT7527V Download
File Size   357.12 Kbytes
Page   13 Pages
Manufacturer  WELTREND [Weltrend Semiconductor]
Direct Link  http://www.weltrend.com
Logo WELTREND - Weltrend Semiconductor
Description PC POWER SUPPLY SUPERVISOR

WT7527V Datasheet (PDF)

Go To PDF Page Download Datasheet
WT7527V Datasheet PDF - Weltrend Semiconductor

Part # WT7527V
Download  WT7527V Click to download

File Size   357.12 Kbytes
Page   13 Pages
Manufacturer  WELTREND [Weltrend Semiconductor]
Direct Link  http://www.weltrend.com
Logo WELTREND - Weltrend Semiconductor
Description PC POWER SUPPLY SUPERVISOR

WT7527V Datasheet (HTML) - Weltrend Semiconductor


WT7527V Product details

GENERAL DESCRIPTION
The WT7527V provides protection circuits, power good output (PGO), fault protection latch (FPOB), and a protection detector function (PSONB) control. It can minimize external components of switching power supply systems in personal computer.
The Over Voltage Detector (OVD) monitors VX, V33, V5, V12A and V12B input voltage level. The Under Voltage Detector (UVD) monitors V33, V5, V12A and V12B input voltage level. The Over Current Detector (OCD) monitor I33&V33, I5&V5, I12A&V12A and I12B&V12B input current sense. The pin VX provides an extra protection function. When OVD or UVD or OCD or VX detect the fault voltage level, the FPOB is latched HIGH and PGO go low. The latch can be reset by PSONB go HIGH. There is 4 ms delay time for PSONB turn off FPOB.
When OVD and UVD and OCD detect the right voltage level, the power good output (PGO) will be issue.

FEATURES
• The Over Voltage Detector (OVD) monitors VX, V33, V5, V12A and V12B input voltage.
• The Under Voltage Detector (UVD) monitors V33, V5, V12A and V12B input voltage.
• The Over Current Detector (OCD) monitors I33&33, I5&V5, I12A&V12A and I12B&V12B input pins.
• The VX > 1.2V provide an extra protection.
• Both of the power good output (PGO) and fault protection latch (FPOB) are Open Drain Output.
• 75 / 600 ms time delay for UVD / OCD / VX .
• 300 ms time delay for PGO.
• 38 ms for PSONB input signal De–bounce.
• 14 us for OVD internal signal De–bounce.
• 60 us for UVD / VX internal signal De–bounce.
• 20 ms for OCD internal signal De–bounce.
• 73 us for PGI internal signal De–bounce.
• 4 ms for PSONB turn-off FPOB.




Similar Part No. - WT7527V

ManufacturerPart #DatasheetDescription
logo
Weltrend Semiconductor
WT7527 WELTREND-WT7527 Datasheet
243Kb / 12P
PC POWER SUPPLY SUPERVISOR
WT7527-NN160-1D WELTREND-WT7527-NN160-1D Datasheet
243Kb / 12P
PC POWER SUPPLY SUPERVISOR
WT7527-NN161-1D WELTREND-WT7527-NN161-1D Datasheet
243Kb / 12P
PC POWER SUPPLY SUPERVISOR
WT7527-SN160-1D WELTREND-WT7527-SN160-1D Datasheet
243Kb / 12P
PC POWER SUPPLY SUPERVISOR
WT7527-SN161-1D WELTREND-WT7527-SN161-1D Datasheet
243Kb / 12P
PC POWER SUPPLY SUPERVISOR
More results


Similar Description - WT7527V

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3515A UTC-3515A Datasheet
239Kb / 9P
PC POWER SUPPLY SUPERVISOR
3513 UTC-3513 Datasheet
272Kb / 12P
PC POWER SUPPLY SUPERVISOR
3513 UTC-3513_12 Datasheet
351Kb / 11P
PC POWER SUPPLY SUPERVISOR
3513 UTC-3513_15 Datasheet
387Kb / 12P
PC POWER SUPPLY SUPERVISOR
S3525 UTC-S3525_15 Datasheet
303Kb / 9P
PC POWER SUPPLY SUPERVISOR
S3525 UTC-S3525_15 Datasheet
303Kb / 9P
PC POWER SUPPLY SUPERVISOR
S3527L-D16-T UTC-S3527L-D16-T Datasheet
249Kb / 6P
PC POWER SUPPLY SUPERVISOR
logo
Weltrend Semiconductor
WT7527 WELTREND-WT7527 Datasheet
243Kb / 12P
PC POWER SUPPLY SUPERVISOR
WT7502 WELTREND-WT7502 Datasheet
148Kb / 10P
PC POWER SUPPLY SUPERVISOR
logo
Richtek Technology Corp...
R7510A RICHTEK-R7510A Datasheet
326Kb / 12P
PC Power Supply Supervisor
January 2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com