Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABX0027M Datasheet (PDF) - Abracon Corporation

ABX0027M Datasheet PDF - Abracon Corporation
Part # ABX0027M
Download  ABX0027M Download
File Size   54.52 Kbytes
Page   4 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description Dual XO with 4 CMOS Outputs 10MHz to 52MHz

ABX0027M Datasheet (PDF)

Go To PDF Page Download Datasheet
ABX0027M Datasheet PDF - Abracon Corporation

Part # ABX0027M
Download  ABX0027M Click to download

File Size   54.52 Kbytes
Page   4 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description Dual XO with 4 CMOS Outputs 10MHz to 52MHz

ABX0027M Datasheet (HTML) - Abracon Corporation




Similar Part No. - ABX0027M

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABX0027B ABRACON-ABX0027B Datasheet
177Kb / 5P
Ultra Low Current XO 10 MHz to 52 MHz
06/23/06
ABX0027BTCL-T ABRACON-ABX0027BTCL-T Datasheet
177Kb / 5P
Ultra Low Current XO 10 MHz to 52 MHz
06/23/06
ABX0027F ABRACON-ABX0027F Datasheet
54Kb / 4P
Low Power 5 Output XO 10MHz to 52MHz
ABX0027FSC ABRACON-ABX0027FSC Datasheet
54Kb / 4P
Low Power 5 Output XO 10MHz to 52MHz
ABX0027FSC-T ABRACON-ABX0027FSC-T Datasheet
54Kb / 4P
Low Power 5 Output XO 10MHz to 52MHz
More results


Similar Description - ABX0027M

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2470 MAXIM-MAX2470 Datasheet
115Kb / 8P
10MHz to 500MHz VCO Buffer Amplifiers with Differential Outputs
19-4797; Rev 0; 2/99
MAX2620 MAXIM-MAX2620 Datasheet
105Kb / 12P
10MHz to 1050MHz Integrated RF Oscillator with Buffered Outputs
19-1248; Rev 1; 5/98
logo
PhaseLink Corporation
PLL600-27F PLL-PLL600-27F Datasheet
193Kb / 4P
Low Power 5 Output XO 10MHz to 52MHz
PLL600-27M PLL-PLL600-27M Datasheet
192Kb / 4P
Dual XO with 4 CMOS Outputs 10MHz to 52MHz
PLL600-27T-37T PLL-PLL600-27T-37T Datasheet
196Kb / 4P
Low Power 3 Outputs XO 10MHz to 52MHz
logo
Maxim Integrated Produc...
MAX2620 MAXIM-MAX2620_02 Datasheet
234Kb / 11P
10MHz to 1050MHz Integrated RF Oscillator with Buffered Outputs
Rev 2; 2/02
logo
Abracon Corporation
ABX0027T ABRACON-ABX0027T Datasheet
50Kb / 4P
Low Power 3 Outputs XO 10MHz to 52MHz
03/21/05
logo
Maxim Integrated Produc...
MAX2471EUT MAXIM-MAX2471EUT Datasheet
120Kb / 8P
10MHz to 500MHz VCO Buffer Amplifiers with Differential Outputs
Rev 0; 2/99
logo
E-CMOS Corporation
EC5822 E-CMOS-EC5822 Datasheet
539Kb / 12P
10MHz, Low-Power, CMOS, Rail-to-Rail Dual Operational Amplifier
logo
Abracon Corporation
ABX0027F ABRACON-ABX0027F Datasheet
54Kb / 4P
Low Power 5 Output XO 10MHz to 52MHz
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com